Electronic Components Datasheet Search
  English  ▼

X  

115U Datasheet(PDF) 2 Page - ATTEND Technology Inc.

Part # 115U
Description  6P Nano SIM Socket, Push-Pull Type, 1.3H, 10u" Gold Plating
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATTEND [ATTEND Technology Inc.]
Direct Link  https://www.attend.com.tw/index.php
Logo ATTEND - ATTEND Technology Inc.

115U Datasheet(HTML) 2 Page - ATTEND Technology Inc.

  115U Datasheet HTML 1Page - ATTEND Technology Inc. 115U Datasheet HTML 2Page - ATTEND Technology Inc. 115U Datasheet HTML 3Page - ATTEND Technology Inc. 115U Datasheet HTML 4Page - ATTEND Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
The information contained herein is exclusive property of. Do not copy and print except that Attend accepts.
本文件係屬立威科技股份有限公司所有;非經同意,不得以任何覆寫、拷貝、翻印等方式私自據有。亦不得擅加毀損、塗改。
-2 -
Dielectric Withstanding
Voltage
500V AC(RMS) for one minute
Test between center contact and
outer shell of one minute.
(EIA-364-20)
MECHANICAL
Item
Requirement
Test Condition
Durability
1. Contact Resistance: 40mΩ (Max.)
change.
2. No damage.
Mate connectors up to 5000 cycles
at a maximum rate of 400 to 600
cycles per hour prior to
environmental test.
(EIA-364-09)
Vibration
Finish
1. No electrical discontinuity more
than 1μs.
2. No damage.
3. Contact Resistance: 40mΩ (Max.)
change.
Mate card and subjected to the
following vibration conditions, for a
period of 2 hours in each of 3
mutually perpendicular axes, with
passing DC 1mA during the test.
Amplitude: 1.52mm P-P or
19.6m/s^2{2G}
Frequency: 10-55-10Hz
Shall be traversed in 1 minute.
(EIA-364-28)
Mechanical Shock
Finish
1. No electrical discontinuity more
than 1μs.
2. No damage.
3. Contact Resistance: 40mΩ (Max.)
change.
Mate card and subjected to the
following shock conditions.
3 mutually perpendicular axis,
passing DC 1mA current during the
test. (Total of 18 shocks)
Test pulse: Half Sine
Peak value: 490m/s^2{50G}
Duration: 11ms
(EIA-364-27)
ENVIRONMENTAL
Item
Requirement
Test Condition
High Temperature Life
1. Contact Resistance: 40mΩ (Max.)
change.
2. Insulation Resistance: 100MΩ
(Min.)
Temperature: 85±2°C
Test time: 48 hours
(JIS C0025)
Cold Resistance
1. Contact Resistance: 40mΩ (Max.)
change.
2. Insulation Resistance: 100MΩ
(Min.)
Temperature: -30±2°C
Test time:48 hours
(EIA-364-31A)
Humidity
1. Contact Resistance: 40mΩ (Max.)
change.
2. Insulation Resistance: 100MΩ
(Min.)
There shall be no any excessive
corrosion on the every part of
connector.
Temperature: 40±2°C
Humidity: 90~95%RH
Test time: 120 hours
(EIA-364-31A)
Salt Spray
Finish
5±1% salt solutions, at 35±2°



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com