Electronic Components Datasheet Search
  English  ▼

X  

MP1922 Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP1922
Description  100V, 3A, Single-Channel,Half-Bridge Pre-Driver IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1922 Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP1922 Datasheet HTML 13Page - Monolithic Power Systems MP1922 Datasheet HTML 14Page - Monolithic Power Systems MP1922 Datasheet HTML 15Page - Monolithic Power Systems MP1922 Datasheet HTML 16Page - Monolithic Power Systems MP1922 Datasheet HTML 17Page - Monolithic Power Systems MP1922 Datasheet HTML 18Page - Monolithic Power Systems MP1922 Datasheet HTML 19Page - Monolithic Power Systems MP1922 Datasheet HTML 20Page - Monolithic Power Systems MP1922 Datasheet HTML 21Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
MP1922 – 100V, 3A, SINGLE-CHANNEL, HALF-BRIDGE PRE-DRIVER IC
MP1922 Rev. 1.0
www.MonolithicPower.com
17
9/10/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
PCB Layout Guidelines
Proper PCB layout is critical to the performance
of MOSFET gate drivers. The MP1922 is
designed
to
accommodate
negative
undershoot. However, if the undershoot is
excessive, unpredictable operation or damage
to the IC may result. For the best results, refer
to Figure 3 and follow the guidelines below:
1. Make the connection between the HS
source and the LS drain must be as direct
as possible to avoid negative undershoot on
the
phase
node
due
to
parasitic
inductances.
2. Use
the
surface-mount
N-channel
MOSFETs to make very short connections
between the MOSFETs.
3. Use wide copper areas to connect the LS
sense resistor, which is composed of three
parallel resistors (R9, R10, and R11), to
both the input supply ground and LS-FET
source terminals. All of the high-current
paths also utilize wide copper areas.
4. Place the CBST (C5) and supply bypass
capacitor (C4) as close as possible to the
IC.
5. Place an additional bulk capacitor (C3) on
the VG line.
6. Use four vias to connect the ground side of
these capacitors (which is connected to a
solid ground plane) to both the MP1922
’s
ground pin and exposed pad.
7. Keep the high-current ground path between
the input supply, input bulk capacitor (C2),
and the MOSFETs away from the IC.
Figure 3: Recommended PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com