Electronic Components Datasheet Search
  English  ▼

X  

MP6631 Datasheet(PDF) 21 Page - Monolithic Power Systems

Part # MP6631
Description  24V Input, 3A Peak Phase Current,Three-Phase BLDC Motor Driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6631 Datasheet(HTML) 21 Page - Monolithic Power Systems

Back Button MP6631 Datasheet HTML 17Page - Monolithic Power Systems MP6631 Datasheet HTML 18Page - Monolithic Power Systems MP6631 Datasheet HTML 19Page - Monolithic Power Systems MP6631 Datasheet HTML 20Page - Monolithic Power Systems MP6631 Datasheet HTML 21Page - Monolithic Power Systems MP6631 Datasheet HTML 22Page - Monolithic Power Systems MP6631 Datasheet HTML 23Page - Monolithic Power Systems MP6631 Datasheet HTML 24Page - Monolithic Power Systems MP6631 Datasheet HTML 25Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
MP6631
– 24V, 3A PEAK, THREE-PHASE BLDC MOTOR DRIVER
MP6631 Rev. 1.1
MonolithicPower.com
21
2/21/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
REG10h
Addr: 0x10
Bits
Bit Name
Access
Default
Description
7:6
RESERVED
N/A
00
Reserved.
5:4
OTP_PAGE[1:0]
REG
0
One-time programmable (OTP) memory page indicator.
00: No OTP configured
01: OTP Page 1 is configured
10: OTP Page 2 is configured
3:1
RESERVED
N/A
000
Reserved.
0
DEBUG
REG
0
Debugging bit. Write 1 to this bit to exit debugging mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com