Electronic Components Datasheet Search
  English  ▼

X  

MP6631 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP6631
Description  24V Input, 3A Peak Phase Current,Three-Phase BLDC Motor Driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6631 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP6631 Datasheet HTML 8Page - Monolithic Power Systems MP6631 Datasheet HTML 9Page - Monolithic Power Systems MP6631 Datasheet HTML 10Page - Monolithic Power Systems MP6631 Datasheet HTML 11Page - Monolithic Power Systems MP6631 Datasheet HTML 12Page - Monolithic Power Systems MP6631 Datasheet HTML 13Page - Monolithic Power Systems MP6631 Datasheet HTML 14Page - Monolithic Power Systems MP6631 Datasheet HTML 15Page - Monolithic Power Systems MP6631 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
MP6631 – 24V, 3A PEAK, THREE-PHASE BLDC MOTOR DRIVER
MP6631 Rev. 1.1
MonolithicPower.com
12
2/21/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
OPERATION
The MP6631 is a three-phase brushless DC
(BLDC) motor driver with integrated power
MOSFETs. The MP6631 controls the motor
speed via the pulse-width modulation (PWM)
signal or the DC voltage on the PWM/DC pin,
with closed/open-loop speed control and a built-
in, configurable speed curve function. The
device supports a single external Hall-effect
sensor or triple external Hall-effect sensors.
The MP6631 also features a rotational speed
detector. The rotational speed detector (the
FG/RD pin) is an open-drain output. It outputs a
high or low voltage relative to the external Hall
signal. Additionally, direction control is achieved
via the DIR pin
’s input.
Rich protection features include under-voltage
lockout (UVLO), locked-rotor protection, over-
current
protection
(OCP),
and
thermal
shutdown.
A sinusoidal drive is employed in the MP6631.
Figure 4 shows the MP6631
’s output drive,
where HA, HB, and HC are the outputs of Hall
A, Hall B, and Hall C, respectively.
OUTA
Duty
OUTB
Duty
OUTC
Duty
HB
HA
HC
001
101
100
110
010
011
001
iA
iB
iC
Figure 4: MP6631 Hall Output and Output Drive
Speed Control
The PWM/DC pin controls the motor speed in
an open loop or closed loop via the PWM signal
or the DC voltage. PWM/DC accepts a wide
input frequency range (1kHz to 100kHz) or a 0V
to 1.2V voltage.
If DC_PWM = 1, then the motor speed is
controlled via the DC voltage on the PWM/DC
pin. The DC voltage range is 0V to 1.2V.
If DC_PWM = 0, then the motor speed is
controlled via the input PWM signal duty cycle.
The input PWM frequency range is 1kHz to
100kHz.
Starting Duty and Minimum Speed
The starting duty is configured by the DIN_MIN
bits. When the PWM input duty is below the
duty set by DIN_MIN, the fan speed supports
two modes:
1. The speed maintains the minimum speed
when SPD_ZERO is set to 0.
2. The speed is at 0 when SPD_ZERO is set
to 1.
Speed Curve Configuration
The SPD_MAX registers configure the speed
when
the
input
PWM
duty
is
at
100%.
Otherwise, the MP6631 provides a five-point
curve configuration function where the output
speed can be configured when the input duty is
37.5%, 50%, 62.5%, 75%, or 87.5%. Linear
interpolation occurs between the adjacent duty
cycles.
The DIN_MIN register sets the starting duty,
and SPD_MIN sets the minimum output duty
(open-loop
control)
and
minimum
speed
(closed-loop control).
Figure 5 shows the curve configuration when
SPD_ZERO = 1.
37.5% 50% 62.5% 75% 87.5% 100%
Input PWM Duty
DIN_MIN
D37.5
D50
D62.5
D75
D87.5
SPD_MAX
Speed
Figure 5: Curve Configuration when
SPD_ZERO = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com