Electronic Components Datasheet Search
  English  ▼

X  

305 Datasheet(PDF) 1 Page - Morse Mfg. Co., Inc.

Part # 305
Description  305 Series Can Tumblers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORSE [Morse Mfg. Co., Inc.]
Direct Link  https://morsedrum.com/
Logo MORSE - Morse Mfg. Co., Inc.

305 Datasheet(HTML) 1 Page - Morse Mfg. Co., Inc.

  305 Datasheet HTML 1Page - Morse Mfg. Co., Inc. 305 Datasheet HTML 2Page - Morse Mfg. Co., Inc. 305 Datasheet HTML 3Page - Morse Mfg. Co., Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MADE
IN
USA
The Specialist In Drum Handling Equipment
305 Series
Can Tumblers
Copyright 2023 - Morse Mfg. Co., Inc.
Spec Sheet F305
(Updated 4 Jan, 2023)
1
service@morsedrum.com
103 Kuhn Rd.
Syracuse, NY, 13208 USA
morsedrum.com
(315) 437-8475
•
Efficient “corner-over-corner” tumbling action
•
Use common 1 to 5 gallon pails for mixing
Mix Inside Closed Shipping Cans
Can Tumblers
Rotate your cans or pails to thoroughly blend ingredients with an
efficient “corner-over-corner” mixing action. Morse Can Tumblers are
perfect to mix or blend small batches... or you can tumble parts with
media to polish or deburr.
Mixing in ordinary pails, instead of using special containers or
insertion mixers, saves time and money! There is no costly transfer
and no messy clean-up. It reduces the possibility of spills and the
hazards of worker exposure to the product.
The cans are held at an angle to the horizontal rotating shaft to
provide a thorough “corner-over-corner” mixing action. Quickly
secure a can in the holder with the adjustable bottom cross bar and
screw-down top bar with locking handle. A 1/4 HP motor provides
plenty of power for long service. It rotates the pail at a constant 23
RPM (19 RPM on 50Hz models) in one direction – the unit does not
shake or oscillate cans. The heavy-duty steel frame stands steady
while tumbling.
Handles Can:
4.5” to 16.5” (11.4 to 42 cm) tall
Up to 12.5” (31.75 cm) in diameter
Rotation Speed: 23 RPM on 60Hz models
19 RPM on 50Hz models
Capacity:
100 Lb. (45 kg) per can
Motor:
AC Single or 3 phase, 60 or 50 Hz
Explosion proof available
Air powered models available
Single phase, 115V models (models 1-305-1 and 2-305-1) are
equipped with an adjustable timer. This allows the operator to select
a running time up to 60 minutes with automatic shut-off. Other motor
types do not include timer, cord or plug, and must be wired according
to your local codes by a qualified electrician.
Single Can Tumblers rotate one can “corner-over-corner”
Double Can Tumblers rotate one or two cans at a time
Model 1-305-1 shown
Model 2-305-1 shown
33”
83.8 cm
28”
71.1 cm
50”
127 cm
28”
71.1 cm
Install all Morse Can Tumblers and drum rotators in accordance with OSHA
requirements for enclosure with interlock, etc. For OSHA compliance, see
OSHA subpart O.1910.212(a)(4) “Barrels, containers, and drums. Revolving
drums, barrels, and containers shall be guarded by an enclosure which is
interlocked with the drive mechanism, so that the barrel, drum, or container
cannot revolve unless the guard enclosure is in place.”
Power connections and motor controls must comply with applicable codes.
Enclosures with Safety Interlock
> > Watch Video < <
Guard Enclosure shown installed with Double Can Tumbler
(Can Tumbler sold separately).
•
Use separate can for each batch
•
No container to purge between batches
> > Watch Video < <
12.6”
32 cm


Similar Part No. - 305

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
305 FILTRONIC-305 Datasheet
380Kb / 2P
SINGLE CHANNEL COAXIAL, N & TNC CONNECTORS
logo
Littelfuse
305 LITTELFUSE-305 Datasheet
728Kb / 2P
PICO 305 Series Fuses - 277V UL913 Intrinsically Safe Fuse
logo
EDAC, All Rights Reserv...
305 EDAC-305 Datasheet
278Kb / 3P
Card Edge Connectors 0.156” (3.96mm) Pitch
logo
PANAVISE PRODUCTS, INC.
305 PANAVISE-305 Datasheet
1Mb / 8P
Precision Vise Combinations
logo
Walther-Werke
305 WALTHER-305 Datasheet
437Kb / 4P
Channel installation sockets IP 44
More results

Similar Description - 305

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD251 TI-SN65HVD251_06 Datasheet
378Kb / 19P
CAN TRANSCEIVER
logo
ATMEL Corporation
T89C51CC01 ATMEL-T89C51CC01_06 Datasheet
364Kb / 32P
CAN Microcontrollers
T89C51CC02 ATMEL-T89C51CC02_03 Datasheet
313Kb / 29P
CAN Microcontrollers
logo
ON Semiconductor
ESDONCAN1 ONSEMI-ESDONCAN1 Datasheet
98Kb / 5P
CAN/CAN-FD Bus Protector
August, 2013 ??Rev. 0
NCV7351 ONSEMI-NCV7351_16 Datasheet
121Kb / 14P
High Speed CAN, CAN FD Transceiver
March, 2016 ??Rev. 2
NCV7351 ONSEMI-NCV7351_3 Datasheet
115Kb / 13P
High Speed CAN, CAN FD Transceiver
June, 2016 ??Rev. 3
ESDONCAN1 ONSEMI-ESDONCAN1_16 Datasheet
85Kb / 5P
CAN/CAN-FD Bus Protector
October, 2016 ??Rev. 1
logo
Littelfuse
PICO-305 LITTELFUSE-PICO-305 Datasheet
562Kb / 2P
PICO짰 305 Series - 277V Intrinsically Safe Fuse
logo
II-VI Marlow, Inc.
CT-305 VIMARLOW-CT-305 Datasheet
355Kb / 2P
Climatherm 305 Series
logo
Morse Mfg. Co., Inc.
310 MORSE-310 Datasheet
2Mb / 6P
Tilt-To-Load Drum Tumblers Feature Power-Tilt to Enable Easy, Floor-Level Loading
23 Aug., 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com