Electronic Components Datasheet Search
  English  ▼

X  

305 Datasheet(PDF) 3 Page - Morse Mfg. Co., Inc.

Part # 305
Description  305 Series Can Tumblers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORSE [Morse Mfg. Co., Inc.]
Direct Link  https://morsedrum.com/
Logo MORSE - Morse Mfg. Co., Inc.

305 Datasheet(HTML) 3 Page - Morse Mfg. Co., Inc.

  305 Datasheet HTML 1Page - Morse Mfg. Co., Inc. 305 Datasheet HTML 2Page - Morse Mfg. Co., Inc. 305 Datasheet HTML 3Page - Morse Mfg. Co., Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MADE
IN
USA
morsedrum.com
© 2023 - Morse Mfg. Co., Inc.
Spec Sheet F305
3
The Specialist In Drum Handling Equipment
305 Series
Can Tumblers
Option XLC-1-305
Single Can Tumbler shown with
option to mix a larger can installed.
Option XLC-1-305 includes
•
1 Extra-Large Can Holder
•
2 Risers for Can Tumbler base
Option XLC-2-305
Double Can Tumbler shown with
option to mix two larger cans
installed.
Option XLC-2-305 includes
•
2 Extra-Large Can Holders
•
2 Risers for Can Tumbler base
Options to Mix Larger Cans
Accommodate a can:
•
Up to 16” (40.6 cm) diameter
•
11” to 22” (28 to 55.9 cm) tall
•
Capacity: 100 Lb. (45.5 kg) per can
These options include raised base and larger can holder(s).
Options to Mix Larger Cans
Options to Mix Larger Cans
Option #
Install on
Description
Maximum
Can Diameter
Can Heights
Accommodated
Maximum Can Weight
XLC-1-305
1-305 Series Option for larger can on Single Can Tumbler
16” (40.64 cm)
11” to 22” (28 to 55.9 cm)
100 Lb. (45.4 kg)
XLC-2-305
2-305 Series Option for larger cans on Double Can Tumbler
16” (40.64 cm)
11” to 22” (28 to 55.9 cm)
100 Lb. (45.4 kg)
Larger Enclosure Kits
for Tumbler with XLC Option
Export Crate for
Tumbler and XLC Option
(NO Enclosure Kit)
Export Crate for
Tumbler, XLC Option
and Enclosure Kit
Enclsoure Kit #
Fits Tumbler #
with XLC Option
Description
Crate #
Crate #
GEK-XLC-1-305-1
1-305-1
Larger Enclosure for 1-305-1 with XLC Option
2837X-P
5980X-P
GEK-XLC-1-305-3
1-305-3
Larger Enclosure for 1-305-3 with XLC Option
GEK-XLC-1-305-A
1-305-A
Larger Enclosure for 1-305-A with XLC Option
GEK-XLC-1-305-E1
1-305-E1
Larger Enclosure for 1-305-E1 with XLC Option
GEK-XLC-1-305-E3
1-305-E3
Larger Enclosure for 1-305-E3 with XLC Option
GEK-XLC-2-305-1
2-305-1
Larger Enclosure for 2-305-1 with XLC Option
GEK-XLC-2-305-3
2-305-3
Larger Enclosure for 2-305-3 with XLC Option
GEK-XLC-2-305-A
2-305-A
Larger Enclosure for 2-305-A with XLC Option
GEK-XLC-2-305-E1
2-305-E1
Larger Enclosure for 2-305-E1 with XLC Option
GEK-XLC-2-305-E3
2-305-E3
Larger Enclosure for 2-305-E3 with XLC Option
IMPORTANT NOTE: Larger Can Holder Options REQUIRE larger
enclosures than standard can tumblers, and larger crates when
being exported. See chart below.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com