Electronic Components Datasheet Search
  English  ▼

X  

305 Datasheet(PDF) 2 Page - Morse Mfg. Co., Inc.

Part # 305
Description  305 Series Can Tumblers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORSE [Morse Mfg. Co., Inc.]
Direct Link  https://morsedrum.com/
Logo MORSE - Morse Mfg. Co., Inc.

305 Datasheet(HTML) 2 Page - Morse Mfg. Co., Inc.

  305 Datasheet HTML 1Page - Morse Mfg. Co., Inc. 305 Datasheet HTML 2Page - Morse Mfg. Co., Inc. 305 Datasheet HTML 3Page - Morse Mfg. Co., Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MADE
IN
USA
morsedrum.com
© 2023 - Morse Mfg. Co., Inc.
Spec Sheet F305
2
The Specialist In Drum Handling Equipment
305 Series
Can Tumblers
Can Tumbler Model Numbers
Model #
Rotates
Motor
Volts AC
Hz
Phase
Full Load Amp Draw
2-305-1
1 or 2 cans at 23 RPM
1/4 HP
TEFC with 1 to 60 minute timer
115V
60
1
5.0
2-305-1-50
1 or 2 cans at 19 RPM
1/2 HP
TEFC
110 / 220V
50
1
7.2 / 3.6
2-305-1-230
1 or 2 cans at 23 RPM
1/4 HP
TEFC
208 / 230V
60
1
3.0 / 2.5
2-305-3
1 or 2 cans at 23 RPM
1/4 HP
TEFC
208-230 / 460V
60
3
1.7 / 1.3 / .7
2-305-3-50
1 or 2 cans at 19 RPM
1/4 HP
TENV
190 / 380V
50
3
1.2 / .6
2-305-575
1 or 2 cans at 23 RPM
1/2 HP
TEFC
575V
60
3
.8
2-305-A
1 or 2 cans at 23 RPM
1/4 HP
Air motor **
-
-
-
-
2-305-E1
1 or 2 cans at 23 RPM
1/4 HP
Explosion proof *
115 / 208-230V
60
1
5.0 / 2.6-2.5
2-305-E1-50
1 or 2 cans at 19 RPM
1/4 HP
Explosion proof *
110 / 220V
50
1
5.2 / 2.6
2-305-E3
1 or 2 cans at 23 RPM
1/4 HP
Explosion proof *
208-230 / 460V
60
3
1.4-1.3 / .7
2-305-E3-50
1 or 2 cans at 19 RPM
1/2 HP
Explosion proof *
230 / 400V
50
3
1.7 / 1.0
2-305-E575
1 or 2 cans at 23 RPM
1/2 HP
Explosion proof *
575V
60
3
.7
1-305-1
1 can at 23 RPM
1/4 HP
TEFC with 1 to 60 minute timer
115V
60
1
5.0
1-305-1-50
1 can at 19 RPM
1/2 HP
TEFC
110 / 220V
50
1
7.2 / 3.6
1-305-1-230
1 can at 23 RPM
1/4 HP
TEFC
208 / 230V
60
1
3.0 / 2.5
1-305-3
1 can at 23 RPM
1/4 HP
TEFC
208-230 / 460V
60
3
1.7 / 1.3 / .7
1-305-3-50
1 can at 19 RPM
1/4 HP
TENV
190 / 380V
50
3
1.2 / .6
1-305-575
1 can at 23 RPM
1/2 HP
TEFC
575V
60
3
.8
1-305-A
1 can at 23 RPM
1/4 HP
Air motor **
-
-
-
-
1-305-E1
1 can at 23 RPM
1/4 HP
Explosion proof *
115 / 208-230V
60
1
5.0 / 2.6-2.5
1-305-E1-50
1 can at 19 RPM
1/4 HP
Explosion proof *
110 / 220V
50
1
5.2 / 2.6
1-305-E3
1 can at 23 RPM
1/4 HP
Explosion proof *
208-230 / 460V
60
3
1.4-1.3 / .7
1-305-E3-50
1 can at 19 RPM
1/2 HP
Explosion proof *
230 / 400V
50
3
1.7 / 1.0
1-305-E575
1 can at 23 RPM
1/2 HP
Explosion proof *
575V
60
3
.7
* Explosion proof motors are rated for class I group D and class II groups F and G.
** Air powered models require plant air at 40 psi and flowing at a rate of 22 scfm. Filter, Regulator, Lubricator and valve (Morse Kit # 90010-P) should
be installed in the air line ahead of the motor.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com