Electronic Components Datasheet Search
  English  ▼

X  

905 Datasheet(PDF) 6 Page - Morse Mfg. Co., Inc.

Part # 905
Description  Model # 900 & 905 Drum Pourers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORSE [Morse Mfg. Co., Inc.]
Direct Link  https://morsedrum.com/
Logo MORSE - Morse Mfg. Co., Inc.

905 Datasheet(HTML) 6 Page - Morse Mfg. Co., Inc.

  905 Datasheet HTML 1Page - Morse Mfg. Co., Inc. 905 Datasheet HTML 2Page - Morse Mfg. Co., Inc. 905 Datasheet HTML 3Page - Morse Mfg. Co., Inc. 905 Datasheet HTML 4Page - Morse Mfg. Co., Inc. 905 Datasheet HTML 5Page - Morse Mfg. Co., Inc. 905 Datasheet HTML 6Page - Morse Mfg. Co., Inc. 905 Datasheet HTML 7Page - Morse Mfg. Co., Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
morsedrum.com
Copyright 2023 - Morse Mfg. Co., Inc.
Spec Sheet F900
(Updated 9 Jun, 2023 3:13 PM)
6
MADE
IN
USA
The Specialist In Drum Handling Equipment
Model # 900 & 905
Drum Pourers
Dimensions of Model 905 < PILOT > Scale-Equipped Power-Propelled Drum Pourer
with drum raised to maximum dispensing height
Net Weight: 2270 Lb. (1030 kg)
Capacity
• 800 Lb. (363 kg) Full Drum
• 500 Lb. ( kg) Half-Full Drum *
* Half-full rating is an indication of capacity for tilting unbalanced, bottom-heavy drum.
Partially full drum with unbalanced and shifting load is harder to tilt than full drum.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com