Electronic Components Datasheet Search
  English  ▼

X  

905 Datasheet(PDF) 3 Page - Morse Mfg. Co., Inc.

Part # 905
Description  Model # 900 & 905 Drum Pourers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORSE [Morse Mfg. Co., Inc.]
Direct Link  https://morsedrum.com/
Logo MORSE - Morse Mfg. Co., Inc.

905 Datasheet(HTML) 3 Page - Morse Mfg. Co., Inc.

  905 Datasheet HTML 1Page - Morse Mfg. Co., Inc. 905 Datasheet HTML 2Page - Morse Mfg. Co., Inc. 905 Datasheet HTML 3Page - Morse Mfg. Co., Inc. 905 Datasheet HTML 4Page - Morse Mfg. Co., Inc. 905 Datasheet HTML 5Page - Morse Mfg. Co., Inc. 905 Datasheet HTML 6Page - Morse Mfg. Co., Inc. 905 Datasheet HTML 7Page - Morse Mfg. Co., Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
morsedrum.com
Copyright 2023 - Morse Mfg. Co., Inc.
Spec Sheet F900
(Updated 9 Jun, 2023 3:13 PM)
3
MADE
IN
USA
The Specialist In Drum Handling Equipment
Model # 900 & 905
Drum Pourers
55/30 Series Diameter Adapters for drum with
diameter smaller than 22”
(56 cm). To handle a smaller drum, insert the
correct size Diameter Adapter into the standard
drum holder. See Diameter Adapter info at:
https://morsedrum.com/products/diameter-adapters
ONLY Diameter Adapters for drum with 17.5” (44.5
cm) diameter or smaller have integrated brackets to
prevent drum slipping length-ways.
NOTE: For 30-gallon (114 Liter) PLASTIC drum,
insert Diameter Adapter;
AND install Bracket or Top
Rim Clamp to prevent drum slipping.
IMPORTANT: To prevent 30 to 55 gallon (114 to 210 L) size plastic drum from slipping,
you
MUST install either Top Rim Clamp Kit or Bracket Assembly Kit.
1. Bracket Assembly Kit # 4556-P is required to handle a RIMLESS plastic
drum (figure 2.1), and is also recommended for a fiber drum. The Bracket
adjusts for a 31” to 39” (79 to 99 cm) tall drum.
You can also handle a rimmed drum with the Bracket installed.
2. Top Rim Clamp Kit # 4560B-P to handle a RIMMED plastic drum (figure 2.2).
Install the Top Rim Clamp Kit to handle a RIMMED plastic, steel or fiber drum
with suitable top rim.
ACCESSORIES
Figure 2.2
Kit # 4560B-P
Install Top Rim Clamp Kit
to handle RIMMED plastic
drum
Figure 2.1
Kit # 4556-P
Install Bracket Assembly Kit
to handle RIMLESS or
RIMMED plastic drum



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com