Electronic Components Datasheet Search
  English  ▼

X  

905 Datasheet(PDF) 1 Page - Morse Mfg. Co., Inc.

Part # 905
Description  Model # 900 & 905 Drum Pourers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORSE [Morse Mfg. Co., Inc.]
Direct Link  https://morsedrum.com/
Logo MORSE - Morse Mfg. Co., Inc.

905 Datasheet(HTML) 1 Page - Morse Mfg. Co., Inc.

  905 Datasheet HTML 1Page - Morse Mfg. Co., Inc. 905 Datasheet HTML 2Page - Morse Mfg. Co., Inc. 905 Datasheet HTML 3Page - Morse Mfg. Co., Inc. 905 Datasheet HTML 4Page - Morse Mfg. Co., Inc. 905 Datasheet HTML 5Page - Morse Mfg. Co., Inc. 905 Datasheet HTML 6Page - Morse Mfg. Co., Inc. 905 Datasheet HTML 7Page - Morse Mfg. Co., Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
The Specialist In Drum Handling Equipment
Model # 900 & 905
Drum Pourers
Copyright 2023 - Morse Mfg. Co., Inc.
Spec Sheet F900
(Updated 9 Jun, 2023 3:13 PM)
1
MADE
IN
USA
service@morsedrum.com
103 Kuhn Rd.
Syracuse, NY, 13208 USA
morsedrum.com
(315) 437-8475
Morse model # 900 and 905 < PILOT > Drum
Pourers feature intuitive, industry-standard
throttle, steering and drum positioning controls...
...so you can put them online quickly.
Morse model # 900 < PILOT > Drum Pourer
is designed to lift, transport and pour a drum
weighing up to 1500 Lb. (680 kg) at 25 ft/min (5
cm/sec).* Scale-equipped model # 905 has 800
Lb. (363 kg) capacity.
Control the travel speed with ergonomic twist
grip or thumb control. Maximum travel speed
is 3.0 mph (4.8 km/hr) or 4.4 ft/sec (1.3 m/sec)
with a 1500 Lb. (680 kg) drum.* Maneuver in
narrow aisles with a turn radius of just 58” (147
cm) on smooth rubber rear drive wheel, and
polyurethane front wheels. Traveling on a slope:
The Pilot series is rated for operation up to a
5% grade when traveling with the carriage and
attachment down below the high speed cutoff height.
Adjust straddle I.D. from 38” to 50” (96.5 to 127 cm), adjustable in 4” increments to
work with various size pallets.
Moving steering control handle to top and bottom
Familiar Controls for
propulsion and steering.
Raise and Lower Buttons
also incorporated in handle.
Morse Model # 900
Power-Propelled < PILOT > Drum Pourer
•
Dispense a 1500 Lb. (680 kg) drum up to 10.5’ (3.2 m) high, and
11” (28 cm) beyond the straddle legs
•
Power-Propelled Walk-Behind
•
Powered Drum Lift and Rotation 360o in either direction
•
Features the MORCINCHTM Drum Handling System for steel,
plastic or fiber drum. . . and even a smaller drum
Morse Model # 905
Scale-Equipped
Power-Propelled < PILOT > Drum Pourer
•
Adds the ability to weigh an 800 Lb. (363 kg) drum while you pour
Lift and Tilt Control Handles
15
° of handle arc actuates brake proportional to
handle movement, allowing operator complete
control of braking by “feathering” for accurate
payload positioning through full emergency stop.
When released, the handle returns to upright
position and applies the brake.
Built-in safety systems include a proven “belly-
button” switch, which helps prevent an operator
from being pinned between the
< PILOT > and any other object. Upon body
contact, the switch activates low speed in the
opposite direction.
“Dead-man” braking occurs when spring loaded
control handle is released, turning off electrical
power and applying the brakes.
The internally mounted 24V battery has a built-in
“smart” charger to provide amount of charge
necessary. Simply plug into a standard 110V AC
outlet with the included cord. The batteries can be fully charged from empty in about
8 hours.
*Note: Maximum travel speed with a drum is 3 mph with maximum lift speed of 25 ft/
min. Lift & travel speed will increase with lighter loads.


Similar Part No. - 905

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
905 ETC2-905 Datasheet
202Kb / 1P
NYLON TUBE SPACERS
905 ETC2-905 Datasheet
202Kb / 1P
NYLON TUBE SPACERS
logo
Alpha Wire
905 ALPHAWIRE-905 Datasheet
167Kb / 3P
M12?륚 Die Cast Passive I/O Box
logo
3M Electronics
905 3M-905 Datasheet
82Kb / 2P
Self-Stripping Electrical Connectors
logo
Keystone Electronics Co...
905 KEYSTONE-905 Datasheet
558Kb / 1P
TERMINAL LUGS
31-07 20th
More results

Similar Description - 905

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
DR0406-1R0M PRODUCTWELL-DR0406-1R0M Datasheet
102Kb / 5P
DRUM INDUCTORS
logo
Central Technologies
CTRL5480F-4 CT-CTRL5480F-4 Datasheet
339Kb / 1P
Drum Cores - Radial
logo
Pulse A Technitrol Comp...
PA4335.241NLT PULSE-PA4335.241NLT Datasheet
293Kb / 2P
Shielded Drum Core
PA4333.221NLT PULSE-PA4333.221NLT Datasheet
255Kb / 2P
Shielded Drum Core
PA4331.331NLT PULSE-PA4331.331NLT Datasheet
292Kb / 2P
Shielded Drum Core
P0250.102NL PULSE-P0250.102NL Datasheet
173Kb / 1P
Unshielded Drum Core
P1252.781NL PULSE-P1252.781NL Datasheet
187Kb / 1P
Unshielded Drum Core
logo
RENCO ELECTRONICS, INC.
RB-1 RENCO-RB-1 Datasheet
1Mb / 1P
DRUM CORES
RL-5480 RENCO-RL-5480 Datasheet
319Kb / 8P
?쏮INI-DRUM??INDUCTORS
logo
Morse Mfg. Co., Inc.
500 MORSE-500 Datasheet
900Kb / 3P
Vertical-Lift Drum Pourers
11 Aug, 2023
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com