Electronic Components Datasheet Search
  English  ▼

X  

NT5DS64M4AT Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # NT5DS64M4AT
Description  256Mb Double Data Rate SDRAM
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NT5DS64M4AT Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button NT5DS64M4AT Datasheet HTML 15Page - List of Unclassifed Manufacturers NT5DS64M4AT Datasheet HTML 16Page - List of Unclassifed Manufacturers NT5DS64M4AT Datasheet HTML 17Page - List of Unclassifed Manufacturers NT5DS64M4AT Datasheet HTML 18Page - List of Unclassifed Manufacturers NT5DS64M4AT Datasheet HTML 19Page - List of Unclassifed Manufacturers NT5DS64M4AT Datasheet HTML 20Page - List of Unclassifed Manufacturers NT5DS64M4AT Datasheet HTML 21Page - List of Unclassifed Manufacturers NT5DS64M4AT Datasheet HTML 22Page - List of Unclassifed Manufacturers NT5DS64M4AT Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 78 page
background image
NT5DS64M4AT NT5DS64M4AW
NT5DS32M8AT NT5DS32M8AW
256Mb Double Data Rate SDRAM
REV 1.1
12/2001
19
© NANYA TECHNOLOGY CORP. All rights reserved.
NANYA TECHNOLOGY CORP. reserves the right to change Products and Specifications without notice.
Operations
Bank/Row Activation
Before any Read or Write commands can be issued to a bank within the DDR SDRAM, a row in that bank must be “opened”
(activated). This is accomplished via the Active command and addresses A0-A12, BA0 and BA1 (see Activating a Specific Row
in a Specific Bank), which decode and select both the bank and the row to be activated. After opening a row (issuing an Active
command), a Read or Write command may be issued to that row, subject to the tRCD specification. A subsequent Active com-
mand to a different row in the same bank can only be issued after the previous active row has been “closed” (precharged). The
minimum time interval between successive Active commands to the same bank is defined by tRC. A subsequent Active com-
mand to another bank can be issued while the first bank is being accessed, which results in a reduction of total row-access
overhead. The minimum time interval between successive Active commands to different banks is defined by tRRD.
Activating a Specific Row in a Specific Bank
RA
BA
HIGH
RA = row address.
BA = bank address.
CK
CK
CKE
CS
RAS
CAS
WE
A0-A12
BA0, BA1
Don’t Care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com