Electronic Components Datasheet Search
  English  ▼

X  

NT5DS64M4AT Datasheet(PDF) 43 Page - List of Unclassifed Manufacturers

Part # NT5DS64M4AT
Description  256Mb Double Data Rate SDRAM
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NT5DS64M4AT Datasheet(HTML) 43 Page - List of Unclassifed Manufacturers

Back Button NT5DS64M4AT Datasheet HTML 39Page - List of Unclassifed Manufacturers NT5DS64M4AT Datasheet HTML 40Page - List of Unclassifed Manufacturers NT5DS64M4AT Datasheet HTML 41Page - List of Unclassifed Manufacturers NT5DS64M4AT Datasheet HTML 42Page - List of Unclassifed Manufacturers NT5DS64M4AT Datasheet HTML 43Page - List of Unclassifed Manufacturers NT5DS64M4AT Datasheet HTML 44Page - List of Unclassifed Manufacturers NT5DS64M4AT Datasheet HTML 45Page - List of Unclassifed Manufacturers NT5DS64M4AT Datasheet HTML 46Page - List of Unclassifed Manufacturers NT5DS64M4AT Datasheet HTML 47Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 78 page
background image
NT5DS64M4AT NT5DS64M4AW
NT5DS32M8AT NT5DS32M8AW
256Mb Double Data Rate SDRAM
REV 1.1
12/2001
43
© NANYA TECHNOLOGY CORP. All rights reserved.
NANYA TECHNOLOGY CORP. reserves the right to change Products and Specifications without notice.
Write to Precharge: Nominal DQSS (2 bit Write), Interrupting (Burst Length = 4 or 8)
DI a-b = Data In for bank a, column b.
An interrupted burst is shown, 2 data elements are written.
1 subsequent element of data in is applied in the programmed order following DI a-b.
tWR is referenced from the first positive CK edge after the last desired data in pair.
The Precharge command masks the last 2 data elements in the burst.
A10 is Low with the Write command (Auto Precharge is disabled).
1 = Can be don't care for programmed burst length of 4.
2 = For programmed burst length of 4, DQS becomes don't care at this point.
Don’t Care
T1
T2
T3
T4
T5
T6
NOP
NOP
NOP
PRE
Write
NOP
CK
CK
Command
Address
BA a, COL b
BA (a or all)
tRP
tDQSS (nom)
DI a-b
1
2
DQS
DQ
DM
1
tWR
3
3
3 = These bits are incorrectly written into the memory array if DM is low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com