Electronic Components Datasheet Search
  English  ▼

X  

STM32MP157F Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # STM32MP157F
Description  ST STM32MP15x, DDR3L, STPMIC1A,4KB EEPROM, Oscillator and passive components integrated into a single package
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STM32MP157F Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  STM32MP157F Datasheet HTML 1Page - List of Unclassifed Manufacturers STM32MP157F Datasheet HTML 2Page - List of Unclassifed Manufacturers STM32MP157F Datasheet HTML 3Page - List of Unclassifed Manufacturers STM32MP157F Datasheet HTML 4Page - List of Unclassifed Manufacturers STM32MP157F Datasheet HTML 5Page - List of Unclassifed Manufacturers STM32MP157F Datasheet HTML 6Page - List of Unclassifed Manufacturers STM32MP157F Datasheet HTML 7Page - List of Unclassifed Manufacturers STM32MP157F Datasheet HTML 8Page - List of Unclassifed Manufacturers STM32MP157F Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
5
OSD32MP15x Datasheet
Rev. 7 11/30/2022
Octavo Systems LLC
Copyright 2020-2022
2 Block Diagram
The OSD32MP15x devices consist of six (6) main components serving five (5) distinct functions.
The main processor is the STM32MP15x from STMicroelectronics featuring dual core Arm®
Cortex®-A7 running up to 800MHz and an Arm® Cortex® M4 at 209MHz. The power system
consists of the STPMIC1A Power Management IC (PMIC). The system memory includes up to
1GB DDR3L. A 4KB EEPROM provides nonvolatile memory for configuration. Finally, there is
a low power, low jitter, highly stable MEMS CMOS Oscillator. It is used for the primary clock
input (HSE). Figure 2.1 shows a detailed block diagram of the OSD32MP15x and breaks out
the key functions of the STM32MP15x processor.
Figure 2.1 - OSD32MP15x Detailed Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com