Electronic Components Datasheet Search
  English  ▼

X  

STM32MP157F Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # STM32MP157F
Description  ST STM32MP15x, DDR3L, STPMIC1A,4KB EEPROM, Oscillator and passive components integrated into a single package
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STM32MP157F Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button STM32MP157F Datasheet HTML 5Page - List of Unclassifed Manufacturers STM32MP157F Datasheet HTML 6Page - List of Unclassifed Manufacturers STM32MP157F Datasheet HTML 7Page - List of Unclassifed Manufacturers STM32MP157F Datasheet HTML 8Page - List of Unclassifed Manufacturers STM32MP157F Datasheet HTML 9Page - List of Unclassifed Manufacturers STM32MP157F Datasheet HTML 10Page - List of Unclassifed Manufacturers STM32MP157F Datasheet HTML 11Page - List of Unclassifed Manufacturers STM32MP157F Datasheet HTML 12Page - List of Unclassifed Manufacturers STM32MP157F Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
9
OSD32MP15x Datasheet
Rev. 7 11/30/2022
Octavo Systems LLC
Copyright 2020-2022
Memory Designator
– A set of letters and numbers that designate the DDR3L memory size in
the device. Table 3-3 shows the valid values for the Memory Designator.
Table 3-3 - Memory Designator
Memory Designator
DDR Memory Size
1G
1GB x32 DDR3L
512M
512MB x16 DDR3L
Temp Designator
– A letter or number that designates the operating case temperature range of
the device. Table 3-4 shows the valid values for the Temp Designator.
Table 3-4 - Temp Designator
Temp Designator
Temperature Range
B
Commercial: 0 to 85°C
I
Industrial: -40 to 85°C (Not Available in F Variants)
E
Extended: -20 to 85°C (Available only in F Variants)
Option Designator
– A set of two letters or numbers that designates the set of features in the
device. Table 3-5 shows the valid values for the Option Designator unique for the OSD32MP15x
devices.
Table 3-5 - Option Designator
Option Designator
Device Options
AA
24MHz Main Oscillator, 4KB EEPROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com