| Electronic Components Datasheet Search |
|
STM32MP157F Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
STM32MP157F Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers |
|
6 / 38 page ![]() 6 OSD32MP15x Datasheet Rev. 7 11/30/2022 Octavo Systems LLC Copyright 2020-2022 2.1 Processor Comparison The OSD32MP15x family supports all variations of the STM32MP1 microprocessor series with dual Arm® Cortex®-A7 and Cortex®-M4 Cores from STMicroelectronics. They are all pin compatible except for where the function does not exist on that particular variation. Refer to Table 2-1 for the differences between the different processor variations. Table 2-1 - STM32MP1 Processor Comparison STM32MP1 Devices STM32MP157C 2 650 1 209 ✓ 533 ✓ 2 ✓ STM32MP157F 2 800 1 209 ✓ 533 ✓ 2 ✓ STM32MP157A 2 650 1 209 ✓ 533 - 2 ✓ STM32MP157D 2 800 1 209 ✓ 533 - 2 ✓ STM32MP153C 2 650 1 209 - - ✓ 2 - STM32MP153F 2 800 1 209 - - ✓ 2 - STM32MP153A 2 650 1 209 - - - 2 - STM32MP153D 2 800 1 209 - - - 2 - See Section 3 Product Number Information for available processor variants. 2.2 Passives Besides the six major components, the OSD32MP15x also integrates capacitors, resistors, inductors, and ferrite beads (Passives). Table 2-2 and Table 2-4 lists the equivalent capacitance and resistance integrated into the OSD32MP15x. This includes the approximate bulk capacitance on input and output power rails as well as all pull-up resistor locations and values. Table 2-3 outlines the recommended external bulk capacitance that should be included externally on the system power output rails only if they are being used. No other external decoupling / bypass capacitors are needed in most applications. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |