Electronic Components Datasheet Search
  English  ▼

X  

VSC8111 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC8111
Description  ATM/SONET/SDH 155/622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8111 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC8111 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC8111 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC8111 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC8111 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC8111 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC8111 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC8111 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC8111 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8111 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
G52142-0, Rev 4.2
© VITESSE SEMICONDUCTOR CORPORATION
Page 1
8/31/98
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC8111
ATM/SONET/SDH 155/622 Mb/s Transceiver
Mux/Demux with Integrated Clock Generation
Features
General Description
The VSC8111 is an ATM/SONET/SDH compatible transceiver integrating an on-chip clock multiplication
unit (PLL) for the high speed clock and 8 bit serial-to-parallel and parallel-to-serial data conversion. The high
speed clock generated by the on-chip PLL is selectable for 155.52 or 622.08 MHz operation. The demultiplexer
contains SONET/SDH frame detection and recovery. In addition, the device provides both facility and equip-
ment loopback modes and two loop timing modes. The part is packaged in a 100 PQFP with an integrated heat
spreader for optimum thermal performance and reduced cost. The VSC8111 provides an integrated solution for
ATM physical layers and SONET/SDH systems applications.
VSC8111 Block Diagram
• Loss of Signal (LOS) Control
• Provides Equipment, Facilities and Split Loop-
back Modes as well as Loop Timing Mode
• Meets Bellcore, ITU and ANSI Specifications for
Jitter Performance
• Single 3.3V Supply Voltage
• Low Power - 1.4 Watts Maximum
• 100 PQFP Package
• Operates at Either STS-3/STM-1 (155.52 Mb/s) or
STS-12/STM-4 (622.08 Mb/s) Data Rates
• Compatible with Industry ATM UNI Devices
• On Chip Clock Generation of the 155.52 Mhz
or 622.08 Mhz High Speed Clock
• Dual 8 Bit Parallel TTL Interface
• SONET/SDH Frame Detection and Recovery
DQ
0
1
LOSTTL
LOS (Internal Signal)
LOSPOL
RXDATAIN+/-
RXCLKIN+/-
0
1
0
1
D
Q
0
1
0
1
8
RXOUT[7:0]
RXLSCKOUT
FP
OOF
EQULOOP
TXDATAOUT+/-
TXCLKOUT+/-
8
TXIN[7:0]
TXLSCKOUT
TXLSCKIN
0
1
FACLOOP
LOOPTIM0
REFCLK
LOOPTIM1
CMU
Divide-by-8
1:8
DEMUX
FRAMER
Divide-by-8
8:1
MUX
0
1
DQ
QD
Divide-by-3/12
RX50MCK
LOS
EQULOOP


Similar Part No. - VSC8111

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC8113 VITESSE-VSC8113 Datasheet
484Kb / 28P
ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
VSC8113QB VITESSE-VSC8113QB Datasheet
484Kb / 28P
ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
VSC8113QB1 VITESSE-VSC8113QB1 Datasheet
484Kb / 28P
ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
VSC8113QB2 VITESSE-VSC8113QB2 Datasheet
484Kb / 28P
ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
VSC8114 VITESSE-VSC8114 Datasheet
434Kb / 24P
ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
More results

Similar Description - VSC8111

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ8101C TRIQUINT-TQ8101C Datasheet
227Kb / 14P
622/155 Mb/s SONET/SDH MDFP
logo
Vitesse Semiconductor C...
VSC8117 VITESSE-VSC8117 Datasheet
406Kb / 22P
ATM/SONET/SDH 622/155 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
logo
Infineon Technologies A...
V23826-C18-C363 INFINEON-V23826-C18-C363 Datasheet
231Kb / 7P
Single Mode 155 MBd ATM/SDH/SONET 1x9 Transceiver
JANUARY 2000
logo
Vitesse Semiconductor C...
VSC8113QB VITESSE-VSC8113QB Datasheet
484Kb / 28P
ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
VSC8114 VITESSE-VSC8114 Datasheet
434Kb / 24P
ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
VSC8116 VITESSE-VSC8116 Datasheet
358Kb / 20P
ATM/SONET/SDH 622/155Mb/s Transceiver Mux/Demux with Integrated Clock Generation
logo
PMC-Sierra, Inc
PM5319 PMC-PM5319 Datasheet
46Kb / 2P
SONET/SDH Interface for 622 & 155 Mbit/s
logo
Intel Corporation
LXT6155 INTEL-LXT6155 Datasheet
314Kb / 50P
155 Mbps SDH/SONET/ATM Transceiver
logo
Applied Micro Circuits ...
S3029 AMCC-S3029 Datasheet
88Kb / 11P
SONET/SDH/ATM 155 MBIT/S QUAD TRANSCEIVER
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5805BZ AVAGO-AFCT-5805BZ Datasheet
139Kb / 10P
155 Mb/s Single Mode Fiber Optic Transceiver for ATM, SONET OC-3/SDH STM-1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com