Electronic Components Datasheet Search
  English  ▼

X  

VSC8111 Datasheet(PDF) 22 Page - Vitesse Semiconductor Corporation

Part # VSC8111
Description  ATM/SONET/SDH 155/622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8111 Datasheet(HTML) 22 Page - Vitesse Semiconductor Corporation

Back Button VSC8111 Datasheet HTML 18Page - Vitesse Semiconductor Corporation VSC8111 Datasheet HTML 19Page - Vitesse Semiconductor Corporation VSC8111 Datasheet HTML 20Page - Vitesse Semiconductor Corporation VSC8111 Datasheet HTML 21Page - Vitesse Semiconductor Corporation VSC8111 Datasheet HTML 22Page - Vitesse Semiconductor Corporation VSC8111 Datasheet HTML 23Page - Vitesse Semiconductor Corporation VSC8111 Datasheet HTML 24Page - Vitesse Semiconductor Corporation VSC8111 Datasheet HTML 25Page - Vitesse Semiconductor Corporation VSC8111 Datasheet HTML 26Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC8111
ATM/SONET/SDH 155/622 Mb/s Transceiver
Mux/Demux with Integrated Clock Generation
Page 22
© VITESSE SEMICONDUCTOR CORPORATION
G52142-0, Rev 4.2
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
8/31/98
Application Notes
Interconnecting the Byte Clocks (TXLSCKOUT and TXLSCKIN)
The byte clock (TXLSCKOUT and TXLSCKIN) on the VSC8111 has been brought off-chip to allow as
much flexibility in system-level clocking schemes as possible. Since the byte clock (TXLSCKOUT) clocks both
the VSC8111 and the UNI devices, it is important to pay close attention to the routing of this signal. The UNI
device in general is a CMOS part which can have very wide spreads in timing (1-11ns clock in to parallel data
out for the PM5355), which utilizes most of the 12.86ns period (at 78MHz), leaving little for the trace delays
and set-up times required to interconnect the 2 devices.
The VSC8111 and the UNI device should be placed as close to each other as possible to provide maximum
setup and hold time margin at the inputs of the VSC8111. Figure 11 suggests two different ways of routing the
TXLSCKOUT-to-TXLSCKIN clock trace when used in a 622MHz mode; which ever method is used, the trans-
mission line trace impedance should be no lower than 75 ohms.
Figure 11: Interconnecting the Byte Clocks
(1) TXLSCKOUT and TXLSCKIN are tied together at the pins of the VSC8111. This provides a setup and
hold time margin for the TXIN input of
• Tsu,margin = Tclk - TTCLK-POUT,max(PM5355) - Tsu,min(VSC8111) - 2xTtrace = 0.86ns - 2xTtrace
• Thold,margin = TTCLK-POUT,min(PM5355) - Thold,min(VSC8111) + 2xTtrace = 2xTtrace
(2) TXLSCKOUT is daisy chained to the UNI device and then routed back to the VSC8111 along with the
byte data. This interface provides a setup and hold time margin for the TXIN input of
• Tsu,margin = Tclk - TTCLK-POUT,max(PM5355) - Tsu,min(VSC8111) = 0.86ns
• Thold,margin = TTCLK-POUT,min(PM5355) - Thold,min(VSC8111) = 0ns
Option (2) does not provide any hold time margin, while option (1) requires the one-way trace delay (Ttrace)
to be less than 0.43ns (~3 inches).
TXIN[7:0]
TXLSCKIN
TXLSCKOUT
PM5355
VSC8111
(1)
(2)
POUT[7:0]
TCLK
Ttrace



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com