Electronic Components Datasheet Search
  English  ▼

X  

VSC8111 Datasheet(PDF) 21 Page - Vitesse Semiconductor Corporation

Part # VSC8111
Description  ATM/SONET/SDH 155/622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8111 Datasheet(HTML) 21 Page - Vitesse Semiconductor Corporation

Back Button VSC8111 Datasheet HTML 17Page - Vitesse Semiconductor Corporation VSC8111 Datasheet HTML 18Page - Vitesse Semiconductor Corporation VSC8111 Datasheet HTML 19Page - Vitesse Semiconductor Corporation VSC8111 Datasheet HTML 20Page - Vitesse Semiconductor Corporation VSC8111 Datasheet HTML 21Page - Vitesse Semiconductor Corporation VSC8111 Datasheet HTML 22Page - Vitesse Semiconductor Corporation VSC8111 Datasheet HTML 23Page - Vitesse Semiconductor Corporation VSC8111 Datasheet HTML 24Page - Vitesse Semiconductor Corporation VSC8111 Datasheet HTML 25Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
G52142-0, Rev 4.2
© VITESSE SEMICONDUCTOR CORPORATION
Page 21
8/31/98
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC8111
ATM/SONET/SDH 155/622 Mb/s Transceiver
Mux/Demux with Integrated Clock Generation
Ordering Information
The order number for this product are:
Part Number
Device Type
VSC8111QB:
155Mb/s-622Mb/s Mux/Dmux with CMU in 100 Pin PQFP
Commercial Temperature, 0
°C ambient to 70°C case
VSC8111QB1
155Mb/s-622Mb/s Mux/Dmux with CMU in 100 Pin PQFP
Extended Temperature, 0
°C ambient to 110°C case
VSC8111QB2
155Mb/s-622Mb/s Mux/Dmux with CMU in 100 Pin PQFP
Industrial Temperature, -40
°C ambient to 85°C case
Notice
Vitesse Semiconductor Corporation reserves the right to make changes in its products specifications or
other information at any time without prior notice. Therefore the reader is cautioned to confirm that this
datasheet is current prior to placing orders. The company assumes no responsibility for any circuitry described
other than circuitry entirely embodied in a Vitesse product.
Warning
Vitesse Semiconductor Corporation’s product are not intended for use in life support appliances, devices or
systems. Use of a Vitesse product in such applications without the written consent is prohibited.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com