Electronic Components Datasheet Search
  English  ▼

X  

MP1909 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP1909
Description  30V, 2.2MHz, 2A Half-Bridge Gate Driver in SOT583 Package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1909 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP1909 Datasheet HTML 1Page - Monolithic Power Systems MP1909 Datasheet HTML 2Page - Monolithic Power Systems MP1909 Datasheet HTML 3Page - Monolithic Power Systems MP1909 Datasheet HTML 4Page - Monolithic Power Systems MP1909 Datasheet HTML 5Page - Monolithic Power Systems MP1909 Datasheet HTML 6Page - Monolithic Power Systems MP1909 Datasheet HTML 7Page - Monolithic Power Systems MP1909 Datasheet HTML 8Page - Monolithic Power Systems MP1909 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
MP1909
– 30V, HIGH-FREQUENCY HALF-BRIDGE GATE DRIVER
MP1909 Rev. 1.0
www.MonolithicPower.com
5
7/10/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VCC = VBST - VSW = 12V, VEN = 3.3V, VPWM = 3.3V, no load at DRVH and DRVL, TJ = -40°C to +125°C
(7), typical value is tested at TJ = 25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Output resistance, sinking current
ROLL
VPWM = 3.3V, VCC = 5V
1
Ω
VPWM = 3.3V, VCC = 12V
0.6
Ω
IOLL (8)
VPWM = 3.3V, VCC = 12V
4
A
Output resistance, unbiased
ROUL
VCC = GND
250
k
Ω
Floating Gate Driver
Output resistance, source current
ROHH
VPWM = 3.3V, VBST - VSW = 5V
4
Ω
VPWM = 3.3V, VBST - VSW = 12V
2
Ω
Output resistance, sink current
ROLH
VPWM = 0V, VBST - VSW = 5V
1.2
Ω
VPWM = 0V, VBST - VSW = 12V
0.6
Ω
Output resistance, unbiased
ROUH
VBST - VSW = 0V
250
k
Ω
Switching Specifications (Low-Side Gate Driver)
Turn-off propagation delay,
PWM rising to DRVL falling
tDLRF
30
ns
Turn-on propagation delay,
PWM falling to DRVL rising
tDLFR
110
ns
DRVL rise time (8)
tDRVL_R
CL = 1nF
10
ns
DRVL fall time (8)
tDRVL_F
CL = 1nF
6
ns
Switching Specifications (Floating Gate Driver)
Turn-off propagation delay,
PWM falling to DRVH falling
tDHFF
40
ns
Turn-on propagation delay,
PWM rising to DRVH rising
tDHRR
80
ns
DRVH rise time (8)
tDRVH_R
CL = 1nF
10
ns
DRVH fall time (8)
tDRVH_F
CL = 1nF
6
ns
Switching Specifications (Matching)
Minimum input pulse width that
changes the output (8)
tPW
50
ns
Thermal shutdown (8)
TSTD
150
°C
Thermal hysteresis (8)
TSTD_HYS
20
°C
Notes:
7) Not tested in production. Guaranteed by over-temperature correlation.
8) Guaranteed by design and engineering sample characterization.
TIMING DIAGRAM
tDHRR
tDHFF
Input
(PWM)
Output
(DRVH)
Input
(PWM)
Output
(DRVL)
tDLFR
tDLRF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com