Electronic Components Datasheet Search
  English  ▼

X  

MP1909 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP1909
Description  30V, 2.2MHz, 2A Half-Bridge Gate Driver in SOT583 Package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1909 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP1909 Datasheet HTML 7Page - Monolithic Power Systems MP1909 Datasheet HTML 8Page - Monolithic Power Systems MP1909 Datasheet HTML 9Page - Monolithic Power Systems MP1909 Datasheet HTML 10Page - Monolithic Power Systems MP1909 Datasheet HTML 11Page - Monolithic Power Systems MP1909 Datasheet HTML 12Page - Monolithic Power Systems MP1909 Datasheet HTML 13Page - Monolithic Power Systems MP1909 Datasheet HTML 14Page - Monolithic Power Systems MP1909 Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
MP1909
– 30V, HIGH-FREQUENCY HALF-BRIDGE GATE DRIVER
MP1909 Rev. 1.0
www.MonolithicPower.com
11
7/10/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
APPLICATION INFORMATION
It is not recommended to add a resistor (RGATE)
between DRVH/DRVL and the MOSFET gate. If
RGATE is required to slow down the MOSFET’s
turn-on speed, a turn-off diode must be placed
within the system. Figure 3 shows the turn-off
diode circuit. This circuit significantly reduces the
turn-off delay time, which reduces the risk of
shoot-through.
MP1909
DRVH
DRVL
Q1
Q2
RGATE
RGATE
DOFF
OFF
D
GND
Figure 3: Turn-Off Diode Circuit
PCB Layout Guidelines (10)
Proper PCB layout of the driver is very important.
For the best results, refer to Figure 4 and follow
the guidelines below:
1. Put the VCC capacitor close to VCC and GND
pins.
2. Use wide PCB traces to connect the MP1909
to the GND pin.
3. Place the BST capacitor close to the BST and
SW
pins.
A
4.7
Ω
BST
resistor
is
recommended to reduce the spike voltage.
4. Use wide and short PCB traces to connect
DRVH/DRVL to the MOSFET gate.
Note:
10) The recommended layout is based on the circuit on Figure 5.
VIN
VOUT
GND
GND
GND
Top Layer
GND
DRVL
Bottom Layer
Figure 4: Recommended PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com