Electronic Components Datasheet Search
  English  ▼

X  

MP1909 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP1909
Description  30V, 2.2MHz, 2A Half-Bridge Gate Driver in SOT583 Package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1909 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP1909 Datasheet HTML 1Page - Monolithic Power Systems MP1909 Datasheet HTML 2Page - Monolithic Power Systems MP1909 Datasheet HTML 3Page - Monolithic Power Systems MP1909 Datasheet HTML 4Page - Monolithic Power Systems MP1909 Datasheet HTML 5Page - Monolithic Power Systems MP1909 Datasheet HTML 6Page - Monolithic Power Systems MP1909 Datasheet HTML 7Page - Monolithic Power Systems MP1909 Datasheet HTML 8Page - Monolithic Power Systems MP1909 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
MP1909
30V, 2.2MHz, 2A Half-Bridge
Gate Driver in SOT583 Package
MP1909 Rev. 1.0
www.MonolithicPower.com
1
7/10/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
DESCRIPTION
The MP1909 is a high-frequency, 30V, half-
bridge, N-channel power MOSFET driver. Its
low-side and high-side driver channels are
controlled by a signal input. Internal adaptive
dead time control circuitry reduces the switching
power loss and prevents shoot-through.
Both outputs are disabled when the EN pin is
pulled low. The integrated bootstrap diode
reduces external component count. Under-
voltage lockout (UVLO) functionality protects the
IC from operating at insufficient power supplies.
Thermal shutdown protection functions can
protect the IC from over-temperature conditions.
FEATURES
 Drives N-Channel MOSFET Half-Bridge
 Up to 50V V
BST Voltage
 4.5V to 12V Gate Drive Voltage
 On-Chip Bootstrap Diode
 Up to 2.2MHz Switching Frequency
 One PWM Signal Generates Both Drives
 Low Quiescent Current
 100% Duty Support
 UVLO for High-Side and Low-Side Gate
Drives
 Available in an 8-Pin SOT583
(1.6mmx2.1mm) Package
APPLICATIONS
 Electronic Cigarettes
 Wireless Charging
 Drones
 Avionics DC/DC Converters
 Active-Clamp Forward Converters
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive.
For MPS green status, please visit the MPS website under Quality
Assurance. “MPS”, the MPS logo, and “Simple, Easy Solutions” are
trademarks of Monolithic Power Systems, Inc. or its subsidiaries.
TYPICAL APPLICATION
MP1909
BST
DRVH
SW
DRVL
GND
PWM
VCC
EN
VIN
VOUT
VCC
C1
1µF
C2
1µF
C3
22µF
Q1
Q2
L1
C4
47µF
L1
R1
4.7
Ω


Similar Part No. - MP1909

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1906 MPS-MP1906 Datasheet
321Kb / 11P
80V, Half-Bridge, Gate Driver
MP1906DS MPS-MP1906DS Datasheet
321Kb / 11P
80V, Half-Bridge, Gate Driver
MP1906DS MPS-MP1906DS Datasheet
208Kb / 6P
80V, High Frequency Half-Bridge Gate Driver EV Board
MP1907 MPS-MP1907 Datasheet
336Kb / 15P
100V, 2.5A, High Frequency Half-bridge Gate Driver
MP1907GQ MPS-MP1907GQ Datasheet
336Kb / 15P
100V, 2.5A, High Frequency Half-bridge Gate Driver
More results

Similar Description - MP1909

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG1635 MICROSEMI-SG1635 Datasheet
49Kb / 5P
2A, HALF-BRIDGE DRIVER
logo
IXYS Corporation
IX2R11 IXYS-IX2R11 Datasheet
616Kb / 6P
2A Half-Bridge Driver
logo
Fairchild Semiconductor
FAN7380 FAIRCHILD-FAN7380_07 Datasheet
438Kb / 13P
Half-Bridge Gate Driver
logo
STMicroelectronics
L6393DTR STMICROELECTRONICS-L6393DTR Datasheet
390Kb / 19P
Half-bridge gate driver
11-Aug-2010
logo
ON Semiconductor
NSR2030DMX ONSEMI-NSR2030DMX Datasheet
66Kb / 4P
2A, 30V Schottky Half Bridge
August, 2016 ??Rev. 0
FAN7080-GF085 ONSEMI-FAN7080-GF085 Datasheet
391Kb / 17P
Half Bridge Gate Driver
September-2017, Rev.2
FAN7380 ONSEMI-FAN7380 Datasheet
651Kb / 12P
Half-Bridge Gate Driver
October-2017, Rev. 3
FL73282 ONSEMI-FL73282 Datasheet
430Kb / 16P
Half-Bridge Gate Driver
September 2015 Rev.1.0
logo
Diodes Incorporated
DGD2184M DIODES-DGD2184M Datasheet
652Kb / 12P
HALF BRIDGE GATE DRIVER
Rev 1
DGD21844M DIODES-DGD21844M Datasheet
637Kb / 12P
HALF-BRIDGE GATE DRIVER
Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com