Electronic Components Datasheet Search
  English  ▼

X  

MP5981GLU Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP5981GLU
Description  16V, 50A, 1.1mΩ RDS(ON),Hot-Swap Intelli-Fuse Solution
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5981GLU Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP5981GLU Datasheet HTML 1Page - Monolithic Power Systems MP5981GLU Datasheet HTML 2Page - Monolithic Power Systems MP5981GLU Datasheet HTML 3Page - Monolithic Power Systems MP5981GLU Datasheet HTML 4Page - Monolithic Power Systems MP5981GLU Datasheet HTML 5Page - Monolithic Power Systems MP5981GLU Datasheet HTML 6Page - Monolithic Power Systems MP5981GLU Datasheet HTML 7Page - Monolithic Power Systems MP5981GLU Datasheet HTML 8Page - Monolithic Power Systems MP5981GLU Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
MP5981
– 16V, 50A, 1.1mΩ RDS(ON), HOT-SWAP INTELLI-FUSE SOLUTION
MP5981 Rev. 1.3
MonolithicPower.com
2
5/16/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
TYPICAL APPLICATION
MP5920
VIN
VOUT
VCC
CLREF
TEMP
SDA
SCL
ALERT#
VOSEN
GND
IMON
GOK
ON
VINSEN
MP5981
VIN
VOUT
ON/PD
IMON
GOK
VDD3
CLREF
VTEMP
SS
GND
CS
D_OC
Pull Up
VDD3
Intelli-Fuse
DOC
Pull Up
TVS
EN
VDD3
ADDR
RESET
EN
VDD
VDD3
LDO
MP5981 Controlled by Hot-Swap Controller
MP5920
VIN
VOUT
VCC
CLREF
VTEMP
GND
IMON
ON
VIN
VOUT
ON/PD
IMON
GOK
VDD3
CLREF
VTEMP
SS
GND
CS
D_OC
MP5981
VINSEN
VOSEN
Pull Up
SDA
SCL
ALERT#
Pull Up
GOK DOC
MP5981
VIN
VOUT
ON/PD
IMON
GOK
VDD3
CLREF
VTEMP
SS
GND
CS
D_OC
VDD3
RCS
RCS
CSS
CSS
RIMON
RIMON
RIMON = RCS
EN
VDD3
ADDR
RESET
EN
VDD
VDD3
LDO
MP5981
VIN
VOUT
ON/PD
IMON
GOK
VDD3
CLREF
VTEMP
SS
GND
CS
D_OC
RCS
CSS
RIMON
..
..
U1
U2
UN
MP5981 Controlled by Hot-Swap Controller in Parallel Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com