Electronic Components Datasheet Search
  English  ▼

X  

MP5981GLU Datasheet(PDF) 20 Page - Monolithic Power Systems

Part # MP5981GLU
Description  16V, 50A, 1.1mΩ RDS(ON),Hot-Swap Intelli-Fuse Solution
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5981GLU Datasheet(HTML) 20 Page - Monolithic Power Systems

Back Button MP5981GLU Datasheet HTML 16Page - Monolithic Power Systems MP5981GLU Datasheet HTML 17Page - Monolithic Power Systems MP5981GLU Datasheet HTML 18Page - Monolithic Power Systems MP5981GLU Datasheet HTML 19Page - Monolithic Power Systems MP5981GLU Datasheet HTML 20Page - Monolithic Power Systems MP5981GLU Datasheet HTML 21Page - Monolithic Power Systems MP5981GLU Datasheet HTML 22Page - Monolithic Power Systems MP5981GLU Datasheet HTML 23Page - Monolithic Power Systems MP5981GLU Datasheet HTML 24Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
MP5981
– 16V, 50A, 1.1mΩ RDS(ON), HOT-SWAP INTELLI-FUSE SOLUTION
MP5981 Rev. 1.3
MonolithicPower.com
20
5/16/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
inductance in the input circuit. For
input
transient
protection,
a
transient
voltage
suppressor (TVS) diode may be required on the
input to limit transient voltages below the
absolute maximum ratings.
The output may experience negative transients
during rapid turn-off with high current due to
inductance in the output circuit. If a transient
makes OUT more negative, the power FET may
not turn off properly.
An output voltage clamp diode is required on
the output to limit negative transients. Select a
Schottky diode with a low forward voltage.
Current-Sense Output (CS)
CS provides a current proportional to the output
current (the current through the power device).
The current-sense gain is 10
μA/A when the
power FET is fully on. There is a resistor (RCS)
connected on CS to form an external voltage.
Determine a proper reference voltage with
Equation (5) and Equation (6):
ICS = IOUT * 10µA/A
(5)
VCS = ICS * RCS
(6)
Once VCS reaches the CLREF current limit
threshold, the internal circuit regulates the gate
voltage to hold the current in the power FET
constant.
Current Monitor Output (IMON)
The gain of the current monitor is 10
μA/A.
There is a resistor (RIMON) connected from
IMON to ground. The IMON voltage range of
0V to 1.6V is required to keep IMON’s output
current
linearly
proportional
to
the
output
current. Determine a proper reference voltage
with Equation (7) and Equation (8):
IMON = IOUT * 10µA/A
(7)
VIMON = IMON * RIMON
(8)
The MP5981 current monitor output can be
used by the controller to accurately monitor the
output current. Place a 100nF capacitor from
IMON to GND to smooth the indicator voltage.
Connect
a 2kΩ resistor (RIMON) to ground to set
the gain of the output, which is about 20mV/A.
For the best accuracy, use resistors within 1%.
Current Balance for Parallel Operation
Multiple MP5981 devices can be used in
parallel for higher current applications. The
current balance loop in the MP5981 balances
the start-up current per active channel. All
IMON pins must be connected together.
The sensed current from each active MP5981
IMON is summed together and divided by the
number
of
active
channels.
The
resulting
average load current provides a measure of the
total load current. The MP5981 current balance
is achieved by comparing the sensed current of
CS in each MP5981 to the average current to
make an appropriate adjustment to the power
FET gate voltage of each Intelli-Fuse during
start-up. The equivalent average IMON resistor
can be calculated with RCS / N, where N is the
number of active MP5981 devices.
Start-up
current
balance
is
essential
in
achieving the thermal advantage of paralleling
operation. With good current balance, the
power loss is dissipated equally over multiple
devices and a greater area.
Temperature-Sense Output (VTEMP)
VTEMP reports the junction temperature when
there is no thermal gradient on the IC. VTEMP
is a voltage output proportional to the junction
temperature whenever VDD3 exceeds its UVLO
threshold and the MP5981 is in active mode.
The VTEMP output voltage (VTEMP) is 8.7mV/°C
with a 152.5mV offset. N is the number of
MP5981 in parallel design, 0.035 is a ratio of
internal
sink-source
capability.
Junction
temperature
(TJ)
can
be
calculated
with
Equation (9):
TJ =
(VTEMP
– 152.5mV) x {1+(0.035 x(N-1))}
(9)
8.7 mV/°C
For example, if VTEMP is about 1.0225V, the
junction temperature is 100°C. If VTEMP is 0V,
the junction temperature is about -18°C. The
total temperature sense range is -18°C to
+140°C. When the junction temperature is
below -18°C, VTEMP remains at 0V.
In multi-fuse operation, the VTEMP pins of each
Intelli-Fuse
can
be
connected
to
the
temperature monitor pin of the controller (see
Figure 11).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com