Electronic Components Datasheet Search
  English  ▼

X  

MP5981GLU Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP5981GLU
Description  16V, 50A, 1.1mΩ RDS(ON),Hot-Swap Intelli-Fuse Solution
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5981GLU Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP5981GLU Datasheet HTML 3Page - Monolithic Power Systems MP5981GLU Datasheet HTML 4Page - Monolithic Power Systems MP5981GLU Datasheet HTML 5Page - Monolithic Power Systems MP5981GLU Datasheet HTML 6Page - Monolithic Power Systems MP5981GLU Datasheet HTML 7Page - Monolithic Power Systems MP5981GLU Datasheet HTML 8Page - Monolithic Power Systems MP5981GLU Datasheet HTML 9Page - Monolithic Power Systems MP5981GLU Datasheet HTML 10Page - Monolithic Power Systems MP5981GLU Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
MP5981
– 16V, 50A, 1.1mΩ RDS(ON), HOT-SWAP INTELLI-FUSE SOLUTION
MP5981 Rev. 1.3
MonolithicPower.com
7
5/16/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 12V, RCS = 2kΩ, RIMON = 2kΩ, TA = 25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
VTEMP
VTEMP sense gain (5)
Sense range 0
°C to 140°C
8
8.7
9.4
mV/ °C
VTEMP sense output (5)
TJ = 25°C
370
mV
Soft Start (SS)
SS pull-up current
ISS
VIN = 12V, ISS dependent
VIN
13
15
17
μA
Current Monitor Output (IMON)
IMON sense gain
IOUT > 5A
9.7
10
10.3
μA/A
IMON sense gain offset
IOUT > 5A
-2
2
μA
ON/PD
Internal ON/PD current
ION_PD
3.2
4.2
5.2
μA
FET on insertion delay time
tDLY_ON
VIN and VDD3 > UVLO
1.3
1.8
ms
FET on input rising threshold
VON_vth
ON/PD rising
1.26
1.4
1.54
V
FT on hysteresis
VON_hys
200
mV
FET on to PD mode threshold
VPD_vth_fall
ON/PD falling
1.08
1.2
1.32
V
PD mode to off mode threshold
VOFF_vth_fall
ON/PD falling
0.68
0.76
0.84
V
PD mode pull-down resistor
RPD
250
500
750
Ω
PD mode pull-down delay time
tPD_DLY
2.1
3.2
ms
MODE Input
Hiccup Mode Voltage (5)
VMODE IL
0.7
V
Latch Mode Voltage (5)
VMODE IH
2.7
V
Thermal Shutdown
Over-temperature shutdown and GOK
fault flag
tSTD
143
°C
GOK Output
Output low voltage
VOL_GOK
Sink current 1mA
0.2
V
GOK bar off-state leakage current
IGOK_LKG
VGOK = 3.3V
1
μA
D_OC Output
Output low voltage
VOL_DOC
Sink current 1mA
0.3
V
D_OC bar off-state leakage current
IDOC_LKG
VD_OC = 3.3V
1
μA
FET Short Detection
GOK fault flag for FET drain-to-source
short
VOUT_DSTH
Measured at VOUT during
start-up
85%
90%
95%
VIN
GOK release high flag when drain-to-
source short is removed
VOUT_GOKH
70%
74%
VIN
Maximum soft-start time
tSS_MAX
After ON_PD goes high, if
VOUT < 90% of VIN within
270ms, or if VGS remains
less than 1.5V below
internal charge pump
voltage with 270ms,
indication of fuse is not
fully on
200
270
340
ms
Note:
5) Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com