Electronic Components Datasheet Search
  English  ▼

X  

MP86952 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP86952
Description  16V, 70A, Radiation-Tolerant, Monolithic Half-Bridge Intelli-PhaseTM Solution with Internal Power MOSFETs and Gate Drivers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP86952 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP86952 Datasheet HTML 1Page - Monolithic Power Systems MP86952 Datasheet HTML 2Page - Monolithic Power Systems MP86952 Datasheet HTML 3Page - Monolithic Power Systems MP86952 Datasheet HTML 4Page - Monolithic Power Systems MP86952 Datasheet HTML 5Page - Monolithic Power Systems MP86952 Datasheet HTML 6Page - Monolithic Power Systems MP86952 Datasheet HTML 7Page - Monolithic Power Systems MP86952 Datasheet HTML 8Page - Monolithic Power Systems MP86952 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
MP86952
– 70A INTELLI-PHASE™ SOLUTION WITH BUILT-IN MOSFETS AND DRIVERS
MP86952 Rev. 1.0
MonolithicPower.com
3
5/13/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1, 6, 31,
37, 39, 41
NC
No connection.
2
AGND
Analog ground.
3
VDD
Supply voltage (3.3V) for the internal circuitry. Connect the VDD and VDRV pins
with a
2.2Ω resistor. Decouple VDD with a 1µF of greater ceramic capacitor
connected to AGND. Connect AGND and PGND at the VDD capacitor
’s ground
connection.
4
VDRV
Driver voltage. Connect the VDRV pin to the 3.3V supply. Decouple VDRV with a
1µF to 4.7µF ceramic capacitor.
5, 7, 8, 9,
20, 21, 22, 23,
24, 40
PGND
Power ground.
10, 11, 12, 13,
14, 15, 16, 17,
18, 19
SW
Phase node.
25, 26, 27, 28,
29, 30
VIN
Input supply voltage. Place a ceramic input capacitor (CIN) close to the device to
support the switching current and minimize parasitic inductance.
32
PHASE
Switching node for the bootstrap capacitor connection.
33
BST
Bootstrap. The BST pin requires a 0.1µF to 0.22µF capacitor to drive the power
MOSFET’s gate above the supply voltage. Connect BST to the capacitor between
SW and BST to form a floating supply across the MOSFET driver.
34
PWM
Pulse-width modulation input. Float the PWM pin or drive PWM to a middle state
to put SW in a high-impedance (Hi-Z) state.
35
EN
Enable. Pull the EN pin low to disable the device and put SW in a Hi-Z state.
36
TOUT/FLT
Single-pin temperature sense and fault reporting. If a fault occurs, the
TOUT/FLT pin is pulled up to VDD
’s voltage level.
38
IOUT
Current-sense output. Use an external resistor to adjust the voltage to be
proportional to the inductor current (IL).
ABSOLUTE MAXIMUM RATINGS (1)
Supply voltage (VIN) ..................................... 18V
VIN to VPHASE (DC) .........................-0.3V to +25V
VIN to VPHASE (10ns) ..........................-5V to +32V
VSW to PGND (DC)................ -0.3V to VIN + 0.3V
VSW to PGND (25ns) ........................-5V to +25V
VBST .................................................. VPHASE + 4V
VDD, VDRV .........................................-0.3V to +4V
All other pins ........................ -0.3V to VDD + 0.3V
Instantaneous current ............................... 125A
Junction temperature ................................150°C
Lead temperature .....................................260°C
Storage temperature ................ -65°C to +150°C
ESD Ratings
Human body model (HBM) .................. Class 1C
Charged device model (CDM) ...........Class C2B
Recommended Operating Conditions (2)
Supply voltage (VIN) ............................ 3V to 16V
Driver voltage (VDRV).......................... 3V to 3.6V
Logic voltage (VDD) ............................ 3V to 3.6V
Operating junction temp (TJ)…. -40°C to +125°C
Thermal Resistance (3) (4)
θJB θJC_TOP
LGA-41 (5mmx6mm) ........... 2.2...... 8.7.... °C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The device is not guaranteed to function outside of its
operating conditions.
3)
θ
JB is the thermal resistance from the junction to the board
around the PGND soldering point.
4)
θ
JC_TOP is the thermal resistance from the junction to the top of
the package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com