Electronic Components Datasheet Search
  English  ▼

X  

MP86952 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP86952
Description  16V, 70A, Radiation-Tolerant, Monolithic Half-Bridge Intelli-PhaseTM Solution with Internal Power MOSFETs and Gate Drivers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP86952 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP86952 Datasheet HTML 5Page - Monolithic Power Systems MP86952 Datasheet HTML 6Page - Monolithic Power Systems MP86952 Datasheet HTML 7Page - Monolithic Power Systems MP86952 Datasheet HTML 8Page - Monolithic Power Systems MP86952 Datasheet HTML 9Page - Monolithic Power Systems MP86952 Datasheet HTML 10Page - Monolithic Power Systems MP86952 Datasheet HTML 11Page - Monolithic Power Systems MP86952 Datasheet HTML 12Page - Monolithic Power Systems MP86952 Datasheet HTML 13Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
MP86952
– 70A INTELLI-PHASE™ SOLUTION WITH BUILT-IN MOSFETS AND DRIVERS
MP86952 Rev. 1.0
MonolithicPower.com
10
5/13/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
APPLICATION INFORMATION
PCB Layout Guidelines
Efficient
PCB
layout
is
critical
for
stable
operation. For the best results, refer to Figure 4
and follow the guidelines below:
1. Place the MLCC input capacitors as close to
VIN and PGND as possible.
2. Place the major MLCC capacitors on the
same layer as the MP86952.
3. Place
as
many
VIN
and
PGND
vias
underneath the package as possible. Place
these vias between the VIN and PGND long
pads.
4. Place a VIN copper plane on the second
inner
layer
to
form
the
PCB
stack
(positive/negative/positive)
to
reduce
parasitic impedance from the MLCC input
capacitor to the MP86952. Ensure that the
copper plane on the inner layer covers the
VIN vias and MLCC input capacitors.
5. Place more PGND vias close to the PGND
pin/pad to minimize parasitic resistance,
parasitic impedance, and thermal resistance.
6. Place the 0.1µF to 1µF BST capacitor and
the
VDRV
capacitor
as
close
to
the
MP86952
’s pins as possible.
7. For BST routing, use a trace width greater
than 20mils. Avoid placing vias on the BST
driving path.
8. Place the VDD decoupling capacitor close
to the device.
9. Connect AGND and PGND at the VDD
capacitor
’s ground connection.
10. Keep the IOUT signal trace away from high-
current paths, such as SW and PWM.
PGND
40
41
VIN
BST
IOUT
TOUT/FLT
EN
PWM
NC
SW
SW
SW
SW
SW
SW
SW
SW
SW
SW
NC
PHASE
NC
Figure 4: Recommended PCB Layout
Input Capacitor: 0402 Package (Top Side) and 0805 Package (Top Side and Bottom Side)
Inductor: 11mmx8mm Package
VDD/BST/VDRV Capacitors: 0402 Package
Via Size: 20/10mils



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com