Electronic Components Datasheet Search
  English  ▼

X  

MP86952 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP86952
Description  16V, 70A, Radiation-Tolerant, Monolithic Half-Bridge Intelli-PhaseTM Solution with Internal Power MOSFETs and Gate Drivers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP86952 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP86952 Datasheet HTML 5Page - Monolithic Power Systems MP86952 Datasheet HTML 6Page - Monolithic Power Systems MP86952 Datasheet HTML 7Page - Monolithic Power Systems MP86952 Datasheet HTML 8Page - Monolithic Power Systems MP86952 Datasheet HTML 9Page - Monolithic Power Systems MP86952 Datasheet HTML 10Page - Monolithic Power Systems MP86952 Datasheet HTML 11Page - Monolithic Power Systems MP86952 Datasheet HTML 12Page - Monolithic Power Systems MP86952 Datasheet HTML 13Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
MP86952
– 70A INTELLI-PHASE™ SOLUTION WITH BUILT-IN MOSFETS AND DRIVERS
MP86952 Rev. 1.0
MonolithicPower.com
9
5/13/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
used by the controller to accurately monitor IIOUT.
The cycle-by-cycle current information from
IOUT is used for phase-current balancing, over-
current protection (OCP), and active voltage
positioning (output voltage droop).
Positive
and
Negative
Inductor
Current
Limits
If an HS-FET over-current (OC) condition is
detected, then the HS-FET turns off for one
PWM cycle. If an OC condition is detected for
eight consecutive cycles, then the HS-FET
latches off and the TOUT/FLT pin is pulled high
to VDD
’s voltage level. The LS-FET turns on
and remains on until ZCD, then turns off.
Recycle the power on VIN or VDD, or toggle EN
to release the latch and restart the device.
If a -35A valley current is detected, then the LS-
FET turns off and the HS-FET turns on for
200ns to limit the negative current. The LS-
FET
’s negative current limit does not trigger a
fault report.
Temperature-Sense
Output
with
Fault
Indicator (TOUT/FLT)
The TMON/FLT pin has dual functions. It acts
as the device’s junction temperature sense and
fault detection. These functions are described
below.
Junction Temperature Sense
If VDD exceeds its under-voltage lockout (UVLO)
threshold and the part is active, then the
TOUT/FLT pin voltage output is proportional to
the junction temperature (TJ). The gain is
8mV/°C with an 800mV offset at 25°C. For
example, TMON/FLT is 0.8V at TJ = 25°C, and
1.6V at TJ = 125°C.
Fault Function
When a fault occurs, TOUT/FLT is pulled to
VDD to report the fault event, regardless of TJ.
After a 200ns delay, PWM
’s resistance changes
according to the indicated fault event.
Table 2 shows the PWM resistance for each
fault event.
Table 2: PWM Resistance for Each Fault Event
Fault Event
PWM Resistance
Over-current (OC) fault
10k
Ω to AGND
Over-temperature (OT) fault
20k
Ω to AGND
SW to PGND short
1k
Ω to VDD
TMON/FLT monitors three different fault events:
OC, over-temperature (OT), and SW to PGND
short.
1.
OC fault: Eight consecutive current limit
faults trigger an OC fault. Once a fault
occurs, the part latches off to turn off the
HS-FET. The LS-FET turns on, then turns
off once IL reaches 0A. The PWM pin uses
a
10kΩ resistor connected to AGND to
indicate this fault event.
2.
OT fault: At TJ > 160°C, the part latches off
to turn off the HS-FET. The LS-FET turns
on, then turns off once IL reaches 0A. PWM
uses a
20kΩ resistor connected to AGND to
indicate this fault event.
3.
SW to PGND short: Once this fault occurs,
the part latches off to turn off the HS-FET.
PWM is pulled high via a
1kΩ resistor
connected to VDD to indicate this fault
event.
Release a fault latch by toggling EN, or cycling
the power on VIN or VDD.
For
multi-phase
operation,
connect
the
TOUT/FLT pin of each Intelli-
Phase™ together
(see Figure 3).
L1
PWM
Intelli- Phase
PWM1
L2
PWM
VIN
VIN
PWM2
TOUT/
FLT
VIN
VIN
TOUT/
FLT
Intelli-Phase
VOUT
COUT
Multi-Phase
Controller
Temperature
Analog-to-Digital
Converter
Intelli-Phase
Power Stage
Figure 3: Multi-Phase Temperature Sense



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com