Electronic Components Datasheet Search
  English  ▼

X  

MPQ6628 Datasheet(PDF) 21 Page - Monolithic Power Systems

Part # MPQ6628
Description  40V, 0.8A, Octal Half-Bridge Motor Driver with Serial Input Control,AEC-Q100 Qualified
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ6628 Datasheet(HTML) 21 Page - Monolithic Power Systems

Back Button MPQ6628 Datasheet HTML 16Page - Monolithic Power Systems MPQ6628 Datasheet HTML 17Page - Monolithic Power Systems MPQ6628 Datasheet HTML 18Page - Monolithic Power Systems MPQ6628 Datasheet HTML 19Page - Monolithic Power Systems MPQ6628 Datasheet HTML 20Page - Monolithic Power Systems MPQ6628 Datasheet HTML 21Page - Monolithic Power Systems MPQ6628 Datasheet HTML 22Page - Monolithic Power Systems MPQ6628 Datasheet HTML 23Page - Monolithic Power Systems MPQ6628 Datasheet HTML 24Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
MPQ6628
– 40V, 0.8A, OCTAL HALF-BRIDGE DRIVER WITH SERIAL INPUT, AEC-Q100
MPQ6628 Rev. 1.0
MonolithicPower.com
21
11/8/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
APPLICATION INFORMATION
PCB Layout Guidelines
PCB layout is critical for the stable operation. For
the best results, follow the guidelines below:
1. Place a supply-rated X5R or X7R bypass
capacitor as close as possible to the IC.
2. Place as much copper as possible on the
long pads.
3. Place thermal vias inside the pad area to
dissipate heat to the copper layers. Place
vias just outside the pad area if via-in-pad
construction is not applicable.
4. Place a bulk capacitor on the VS pin to
absorb the energy flowing from the motor or
power supply. This capacitor should be sized
according to the application requirements.
Figure 5: Recommended PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com