Electronic Components Datasheet Search
  English  ▼

X  

MPQ6628 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MPQ6628
Description  40V, 0.8A, Octal Half-Bridge Motor Driver with Serial Input Control,AEC-Q100 Qualified
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ6628 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MPQ6628 Datasheet HTML 9Page - Monolithic Power Systems MPQ6628 Datasheet HTML 10Page - Monolithic Power Systems MPQ6628 Datasheet HTML 11Page - Monolithic Power Systems MPQ6628 Datasheet HTML 12Page - Monolithic Power Systems MPQ6628 Datasheet HTML 13Page - Monolithic Power Systems MPQ6628 Datasheet HTML 14Page - Monolithic Power Systems MPQ6628 Datasheet HTML 15Page - Monolithic Power Systems MPQ6628 Datasheet HTML 16Page - Monolithic Power Systems MPQ6628 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
MPQ6628
– 40V, 0.8A, OCTAL HALF-BRIDGE DRIVER WITH SERIAL INPUT, AEC-Q100
MPQ6628 Rev. 1.0
MonolithicPower.com
13
11/8/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
OPERATION
The MPQ6628 is an 8-channel half-bridge
DMOS output driver with integrated power
MOSFETs.
The
eight
half-bridges
of
the
MPQ6628 can be controlled separately from a
standard serial data interface, and have various
diagnostic functions.
Serial Interface
Data transfer starts with the falling edge of the
CS signal. Execution of new input data is
enabled on the rising edge of the CS signal. Data
must appear when the DI pin is synchronized to
the CLK pin. Then the data is accepted on the
falling edge of the CLK signal. For DI, the MSB
(SRR, bit[15]) has to be transferred first. The last
16 bits clocked into DI are transferred to the
device’s data register if there no frame error.
Otherwise, all DI data is ignored, and the
previous input data is preserved.
The output data at the DO pin is enabled on the
falling edge of CS. In addition to the 16-bit status
data, a pseudo-bit (PRE_15) can also be
retrieved from the DO output. The latched
thermal shutdown (TSD) status bit (PRE_15) is
available on DO until the first rising CLK edge
after CS goes low. DO changes its state with the
rising edge of CLK, and remains stable until the
next rising edge of CLK. When CS is high, the
DO pin is in a tri-state condition.
The following conditions must be met for a valid
TSD read to be captured:
• CLK and DI are low before the CS cycle
• CS transitions from high to low
• CS set-up time is satisfied
Figure 2 shows the SPI communication. Table 1
and Table 2 list the input control registers. Table
3 and Table 4 list the output diagnostic registers.
CS
DI
CLK
DO
DO
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
PRE_15
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Figure 2: Data Transfer
Table 1: Input Control Registers (Channels 1
–6, Input Bit[14] = 0)
Channels 1
–6 (Input Bit[14] = 0)
Bit
Input Register
Function
15
SRR
This bit resets the status register.
1: Reset. The errors bits of the corresponding status register in the output data register
are set to low
14
CH_SEL
Channel Group Select = 0.
1: HB [8:7]
0: HB [6:1]
13
OLSD_EN
This bit enables open load detection shutdown (OLD_SD) for half-bridges 1
–6. This
feature allows the affected output stage to be switched off if a true open load or under-
load condition has been detected.
1: Enabled
12
HBEN6
Enables half-bridge 6.
1: Half-bridge 6 is active
0: Half-bridge 6 is in Hi-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com