Electronic Components Datasheet Search
  English  ▼

X  

MPQ6628 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MPQ6628
Description  40V, 0.8A, Octal Half-Bridge Motor Driver with Serial Input Control,AEC-Q100 Qualified
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ6628 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MPQ6628 Datasheet HTML 8Page - Monolithic Power Systems MPQ6628 Datasheet HTML 9Page - Monolithic Power Systems MPQ6628 Datasheet HTML 10Page - Monolithic Power Systems MPQ6628 Datasheet HTML 11Page - Monolithic Power Systems MPQ6628 Datasheet HTML 12Page - Monolithic Power Systems MPQ6628 Datasheet HTML 13Page - Monolithic Power Systems MPQ6628 Datasheet HTML 14Page - Monolithic Power Systems MPQ6628 Datasheet HTML 15Page - Monolithic Power Systems MPQ6628 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
MPQ6628
– 40V, 0.8A, OCTAL HALF-BRIDGE DRIVER WITH SERIAL INPUT, AEC-Q100
MPQ6628 Rev. 1.0
MonolithicPower.com
12
11/8/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
BLOCK DIAGRAM
Charge
Pump
EN
DO
CLK
DI
LS Gate
Driver
HS Gate
Driver
CS
Fault
Handling
Thermal Warning
and
Shutdown
VCC
GL1
GL2
GH1
GH2
GH7
GH8
VS1
GH4
GH5
GH6
OUT3
OUT4
OUT5
GL4
GL5
GL6
GH7
GH8
OUT6
OUT7
OUT8
GND
GL7
GL8
Power On
Reset
Control
Logic
Serial
Interface
GND
Over-
Current and
Under Load
VS2
UVLO and
OVLO
.
.
.
GL7
GL8
.
.
.
GH2
GL2
GH3
GL3
GH1
GL1
OUT1
OUT2
VS1/VS2
Figure 1: Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com