Electronic Components Datasheet Search
  English  ▼

X  

SI3473 Datasheet(PDF) 76 Page - Skyworks Solutions Inc.

Part # SI3473
Description  Octal or Quad 2-pair 802.3bt Ethernet Port PoE PSE Controller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SI3473 Datasheet(HTML) 76 Page - Skyworks Solutions Inc.

Back Button SI3473 Datasheet HTML 72Page - Skyworks Solutions Inc. SI3473 Datasheet HTML 73Page - Skyworks Solutions Inc. SI3473 Datasheet HTML 74Page - Skyworks Solutions Inc. SI3473 Datasheet HTML 75Page - Skyworks Solutions Inc. SI3473 Datasheet HTML 76Page - Skyworks Solutions Inc. SI3473 Datasheet HTML 77Page - Skyworks Solutions Inc. SI3473 Datasheet HTML 78Page - Skyworks Solutions Inc. SI3473 Datasheet HTML 79Page - Skyworks Solutions Inc. SI3473 Datasheet HTML 80Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 88 page
background image
Pin #
Name
Type
Description
38
SDA
I2C input/output
Bidirectional I2C input/output.
37
SCL
Digital input
Serial clock input. This pin should be tied directly to the SCL (clock) connection
on the I2C bus.
35, 34, 33
A1, A2, A3
Digital input with 20 μA
pull-up to VDD
I2C address input. Used to set the base I2C address for the Si3472 in the
following (binary) format: 0100[A3][A2][A1]b. The three MSB bits of the address
are set to 010. Address values are latched after the deassertion of RESETB
or when VDD ramps and VPWR exceeds the UVLO threshold voltage. Each
address pin should be tied to either VDD or DGND.
29,3
DGND
Digital ground
Ground connection for the 3.3 V digital supply (VDD). DGND and AGND are
tied together inside the Si3472 package.
13
VPWR
Analog power
Positive PoE voltage (+44 to +56 V) relative to AGND.
14
VDDA
Analog power
3.3 V supply to the analog components; tied to VDD at the PCB level.
30
VDD
Digital Power
3.3 V supply to the digital side; tied to VDDA at the PCB level.
25
KSENSB
Input
Kelvin points for accurate measurement of voltage across the sense resistor for
ports 3 and 4.
8
KSENSA
Input
Kelvin points for accurate measurement of voltage across the sense resistor for
ports 1 and 2.
2
OSS
Over supply signal
A positive going edge on this pin shuts down ports that have been identified as
low priority by setting Register 0x15. This pin has a 20 μA pull-up.
36
AUTO
Automode
Enables Automode.
31
RESETb
Digital input with 20 µA
pull-up to VDD
Active low device reset input. Generally, RESETb is used at initial power up.
If RESETb is asserted (pulled to DGND), the MCU is disabled, all internal
registers of the device are set to their default (power-up) state, and all output
ports are shut off. Valid RESETb timing pulses must be >10 µs.
If RESETb is not used, RESETb should either be tied directly to VDD or
through a 10 kΩ resistor to VDD.
4
DECPL
Decoupling
Place a 0.1 µF capacitor between DECPL and GND.
32
INTb
Digital output
(open drain)
Interrupt output. This open drain output pin is asserted low (to DGND) if a fault
condition occurs on any of the four ports. The state of INTb is updated for
use by a host controller between valid I2C commands. Refer to the “Interrupts”
section of for more information. Tie INTb to VDD through a 10 kΩ resistor for
normal operation.
19, 18, 17,
15, 20
DNC
No Connect
No connections or nets allowed. Leave floating.
1
NC
No Connect
No Connection. It is permitted to connect this pin to the neighboring pin SDA.
Si3473/72 Data Sheet • Pin Descriptions
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
76
Rev. 1.0 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • November 23, 2021
76



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com