Electronic Components Datasheet Search
  English  ▼

X  

SI3473 Datasheet(PDF) 2 Page - Skyworks Solutions Inc.

Part # SI3473
Description  Octal or Quad 2-pair 802.3bt Ethernet Port PoE PSE Controller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SI3473 Datasheet(HTML) 2 Page - Skyworks Solutions Inc.

  SI3473 Datasheet HTML 1Page - Skyworks Solutions Inc. SI3473 Datasheet HTML 2Page - Skyworks Solutions Inc. SI3473 Datasheet HTML 3Page - Skyworks Solutions Inc. SI3473 Datasheet HTML 4Page - Skyworks Solutions Inc. SI3473 Datasheet HTML 5Page - Skyworks Solutions Inc. SI3473 Datasheet HTML 6Page - Skyworks Solutions Inc. SI3473 Datasheet HTML 7Page - Skyworks Solutions Inc. SI3473 Datasheet HTML 8Page - Skyworks Solutions Inc. SI3473 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 88 page
background image
1. Ordering Guide
Table 1.1. Si3473/72 Ordering Guide
Ordering
Part Number1
Product Revi-
sion
Current Sense
Resistor2
Package
Temperature Range (Ambient)
Si3473A-A01-IM
A01
255 mΩ
56-pin, 8 x 8 mm QFN
RoHS-compliant
–40 to 85 °C
Si3473B-A01-IM
A01
200 mΩ
56-pin, 8 x 8 mm QFN
RoHS-compliant
–40 to 85 °C
Si3472A-A01-IM
A01
255 mΩ
38-pin, 5 x 7 mm QFN
RoHS-compliant
–40 to 85 °C
Si3472B-A01-IM
A01
200 mΩ
38-pin, 5 x 7 mm QFN
RoHS-compliant
–40 to 85 °C
Note:
1. Add an “R” to the end of the part number for tape and reel option (e.g., Si3473/72A or Si3473/72A-A01-IMR).
2. Options include industry-standard 255 mΩ or more thermally efficient 200 mΩ sense resistor.
Si3473/72 Data Sheet • Ordering Guide
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
2
Rev. 1.0 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • November 23, 2021
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com