| Electronic Components Datasheet Search |
|
SI3473 Datasheet(PDF) 21 Page - Skyworks Solutions Inc. |
|
|
|||||||||||||||||||||||||||||
SI3473 Datasheet(HTML) 21 Page - Skyworks Solutions Inc. |
|
21 / 88 page ![]() 2.11 OSS Operation 2.11.1 Emergency Shutdown Feature The Si3473/72 supports two kinds of Emergency Shutdown procedures, both of which are controlled by a host via the OSS pin. If MULTIBIT_PRIORITY_ENABLE = 0 (in MISC register), then 2.11.1.1 1-Bit Shutdown Priority describes the Emergency Shutdown behavior. Otherwise, if MULTIBIT_PRIORITY_ENABLE = 1 (in MISC register), then 2.11.1.2 Multi-Bit Shutdown Priority describes the Emergency Shutdown behavior. The Emergency Shutdown Feature is useful in systems having multiple power supplies. When one of the power supplies fails, a host can use the Emergency Shutdown Feature to quickly turn off ports using the OSS pin. A host is expected to configure the priority level of each port so that the Si3473/72 knows which ports to power down in case of an emergency. 2.11.1.1 1-Bit Shutdown Priority If MULTIBIT_PRIORITY_ENABLE = 0, then the PORTn_PORT_POWER_PRIORITY bit in each port defines the port Shutdown prior- ity. PORTn_PORT_POWER_PRIORITY bits are found in the POWER_PRIORITY_PCUT_DISABLE register. If PORTn_PORT_POW- ER_PRIORITY is set, then the associated port is tagged as a "Low Priority" port. "High Priority" ports are unaffected by an OSS event. A positive-going edge on the OSS pin will shut down powered lower priority ports. All powered lower priority ports will be shut down within 50 µs. Refer to the PORTn_PB_POWER_OFF description for all event and register bits that are cleared. When a low priority port is shut down, the POWER_GOOD_CHANGE and POWER_ENABLE_CHANGE registers reflect the events and the POWER_GOOD_CHANGE bit and POWER_ENABLE_CHANGE bit in the INTERRUPT register are set. The OSS_EVENT bit in the SUPPLY_EVENT register is also set. Si3473/72 Data Sheet • Functional Description Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com 21 Rev. 1.0 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • November 23, 2021 21 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |