Electronic Components Datasheet Search
  English  ▼

X  

UPD6461 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # UPD6461
Description  MOS INTEGRATED CIRCUIT
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6461 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button UPD6461 Datasheet HTML 35Page - Renesas Technology Corp UPD6461 Datasheet HTML 36Page - Renesas Technology Corp UPD6461 Datasheet HTML 37Page - Renesas Technology Corp UPD6461 Datasheet HTML 38Page - Renesas Technology Corp UPD6461 Datasheet HTML 39Page - Renesas Technology Corp UPD6461 Datasheet HTML 40Page - Renesas Technology Corp UPD6461 Datasheet HTML 41Page - Renesas Technology Corp UPD6461 Datasheet HTML 42Page - Renesas Technology Corp UPD6461 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 62 page
background image
37
µPD6461, 6462
Data Sheet S13320EJ2V0DS
(2) For LSB-first transfer (Command bits are input starting from the LSB (D0). The function of each bit is the same as
that for MSB-first transfer.)
•
Character pattern specification bits
These bits are used to specify the address of the character pattern to be used. Address FEH (
µPD6461)/7EH
(
µPD6462) indicates display-off data and address FFH (µPD6461)/7FH (µPD6462) indicates the end code for second-
byte continuous input. The design of each character pattern can be modified by specifying a mask code option (except
for addresses FEH and FFH (
µPD6461)/7EH and 7FH (µPD6462)).
•VC2 channel specification bit
This bit is used to specify whether each character is output to the VC2 channel. Characters for which the VC2 channel
is specified are not output to the RGB or VC1 channel (This bit is invalid in RGB+3BLK mode).
•
Blinking control bit
This bit is used to enable or disable blinking for each character. Blinking of characters is turned on/off for the entire
screen with the character display control command (refer to 3.2 CHARACTER DISPLAY CONTROL COMMAND).
•
Character color specification bits
These bits are used to specify the color of each character (These bits are valid only for the RGB channel. Only
a single color can be used for the VC1 and VC2 channels).
•
Reversing control bit
This bit is used to enable or disable reversing for each character. The characters of the entire screen are reversed
with the character reverse on/off command (refer to 3.5 CHARACTER REVERSE ON/OFF COMMAND).
(LSB)
(MSB)
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D13
D14
D15
VC2
BL
B
G
R
RV
1
1
C0C1C2C3C4C5C6C7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com