Electronic Components Datasheet Search
  English  ▼

X  

UPD6461 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # UPD6461
Description  MOS INTEGRATED CIRCUIT
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6461 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button UPD6461 Datasheet HTML 24Page - Renesas Technology Corp UPD6461 Datasheet HTML 25Page - Renesas Technology Corp UPD6461 Datasheet HTML 26Page - Renesas Technology Corp UPD6461 Datasheet HTML 27Page - Renesas Technology Corp UPD6461 Datasheet HTML 28Page - Renesas Technology Corp UPD6461 Datasheet HTML 29Page - Renesas Technology Corp UPD6461 Datasheet HTML 30Page - Renesas Technology Corp UPD6461 Datasheet HTML 31Page - Renesas Technology Corp UPD6461 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 62 page
background image
26
µPD6461, 6462
Data Sheet S13320EJ2V0DS
3.5 CHARACTER REVERSE ON/OFF COMMAND
This command specifies whether all characters displayed on the screen are reversed.
(1) For MSB-first transfer (Command bits are input starting from the MSB (D7).)
D7
0
D6
0
D5
1
D4
1
D3
1
D2
0
D1
0
D0
BCRE
(MSB)
(LSB)
BCRE
0
1
Control bit
Function
Does not reverse characters.
Reverses characters.
(2) For LSB-first transfer (Command bits are input starting from the LSB (D0). The function of each bit is the same as
that for MSB-first transfer.)
Each character is reversed only when reversing of the character is enabled with the displayed character control
command.
•
Example of reversed character (uppercase letter “I”)
When not reversed
When reversed
Background color or image (where dots
are not filled in the character pattern)
Character color (where dots are filled
in the character pattern)
Character color
when not reversed
Black
Remark When the character is not reversed, one of eight colors can be selected for the background color for the RGB
channel. For the VC1 and VC2 channels, which can display only white or black, the background is always black
(characters are white).
When characters are rseversed for the VC1 or VC2 channel, the display is as follows:
• Example of reversed character for VC1 or VC2 channel (uppercase letter “I”)
When not reversed
When reversed
Background color (black) or image (where
dots are not filled in the character pattern)
Character color: White (where dots
are filled in the character pattern)
Character color when
not reversed: White
Black
(LSB)
(MSB)
D0
D1
D2
D3
D4
D5
D6
D7
BCRE
0011100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com