Electronic Components Datasheet Search
  English  ▼

X  

UPD6461 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # UPD6461
Description  MOS INTEGRATED CIRCUIT
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6461 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button UPD6461 Datasheet HTML 17Page - Renesas Technology Corp UPD6461 Datasheet HTML 18Page - Renesas Technology Corp UPD6461 Datasheet HTML 19Page - Renesas Technology Corp UPD6461 Datasheet HTML 20Page - Renesas Technology Corp UPD6461 Datasheet HTML 21Page - Renesas Technology Corp UPD6461 Datasheet HTML 22Page - Renesas Technology Corp UPD6461 Datasheet HTML 23Page - Renesas Technology Corp UPD6461 Datasheet HTML 24Page - Renesas Technology Corp UPD6461 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 62 page
background image
19
µPD6461, 6462
Data Sheet S13320EJ2V0DS
2. COMMANDS
2.1 COMMAND FORMAT
Control commands are serially input in 8-bit units with a variable word length. There are three types of commands: 1-
byte commands consisting of eight bits including an instruction and data, 2-byte commands consisting of sixteen bits
including an instruction and data, and a 2-byte continuous command which can be input in an abbreviated format.
Commands are input with the MSB first or LSB first according to the specified mask option.
2.2 COMMANDS AND THEIR BITS
(1) For MSB first
1-byte commands
2-byte commands
Note
Not to be used
2-byte continuous command
Note
C7 bit is “don’t care” at the
µPD6462. However, this data sheet explains the µPD6462 with “0” in the C7 bit.
(MSB)
Function
D7
D6
D5
D4
D3
D2
D1
D0
Video RAM batch clear
00000000
Character display control
0001
D0
LC
BL1
BL0
Background/rim color control
0010
R
G
B
BFC
3-channel independent display on/off
01110
DOA
DOB
DOC
Character reverse on/off
0011100
BCRE
(MSB)
Function
D15 D14 D13 D12 D11 D10 D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Character display position control
1
0
0
0
0
0
V4
V3
V2
V1
V0
H4
H3
H2
H1
H0
Write address control
1
0
0
0
1
0
0
AR3 AR2 AR1 AR0 AC4 AC3 AC2 AC1 AC0
Output pin control
1
0
0
1
1
1
0
0
VC2
VC1
0
0
AR3 AR2 AR1 AR0
Character size control
1
0
0
1
1
0
0
0
0
S
0
0
AR3 AR2 AR1 AR0
3-channel independent background control
1
0
1
1
0
0
1
BA1 BA0 BFA BB1 BB0 BFB BC1 BC0 BFC
Test modeNote
1
0
1
1
0
0
0
T8
T7
T6
T5
T4
T3
T2
T1
T0
(MSB)
Function
D15 D14 D13 D12 D11 D10 D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Displayed character control
1
1
RV
R
G
B
BL
VC2
C7
C6
C5
C4
C3
C2
C1
C0
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com