Electronic Components Datasheet Search
  English  ▼

X  

80220 Datasheet(PDF) 80 Page - LSI Computer Systems

Part # 80220
Description  100BASE-TX/10BASE-T Ethernet Media Interface Adapter
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

80220 Datasheet(HTML) 80 Page - LSI Computer Systems

Back Button 80220 Datasheet HTML 76Page - LSI Computer Systems 80220 Datasheet HTML 77Page - LSI Computer Systems 80220 Datasheet HTML 78Page - LSI Computer Systems 80220 Datasheet HTML 79Page - LSI Computer Systems 80220 Datasheet HTML 80Page - LSI Computer Systems 80220 Datasheet HTML 81Page - LSI Computer Systems 80220 Datasheet HTML 82Page - LSI Computer Systems 80220 Datasheet HTML 83Page - LSI Computer Systems 80220 Datasheet HTML 84Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 91 page
background image
80220/80221
MD400159/E
80
MI SERIAL PORT TIMING CHARACTERISTICS
Refer to Figures 33-34 for Timing Diagrams
LIMIT
SYM
PARAMETER
MIN
TYP
MAX
UNIT
CONDITIONS
t
101
MDC High Time
20
nS
t
102
MDC Low Time
20
nS
t
103
MDIO Setup Time
10
nS
Write Bits
t
104
MDIO Hold Time
10
nS
Write Bits
t
105
MDC To MDIO Delay
20
nS
Read Bits
t
106
MDIO Hi-Z To Active
20
nS
Write-Read Bit Transition
Delay
t
107
MDIO Active To HI-Z
20
nS
Read-Write Bit Transition
Delay
t
108
Frame Delimiter (Idle)
32
Clocks
# of Consecutive MDC Clocks With
MDIO=1
t
109
End Of Frame To
100
nS
MDINT Transition
t
110
MDC To MDIO
100
nS
Interrupt Pulse Assert
Delay
t
111
MDC To MDIO
100
nS
Interrupt Pulse Deassert
Delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com