Electronic Components Datasheet Search
  English  ▼

X  

80220 Datasheet(PDF) 86 Page - LSI Computer Systems

Part # 80220
Description  100BASE-TX/10BASE-T Ethernet Media Interface Adapter
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

80220 Datasheet(HTML) 86 Page - LSI Computer Systems

Back Button 80220 Datasheet HTML 82Page - LSI Computer Systems 80220 Datasheet HTML 83Page - LSI Computer Systems 80220 Datasheet HTML 84Page - LSI Computer Systems 80220 Datasheet HTML 85Page - LSI Computer Systems 80220 Datasheet HTML 86Page - LSI Computer Systems 80220 Datasheet HTML 87Page - LSI Computer Systems 80220 Datasheet HTML 88Page - LSI Computer Systems 80220 Datasheet HTML 89Page - LSI Computer Systems 80220 Datasheet HTML 90Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 91 page
background image
80220/80221
MD400159/E
86
Page 55, DC Electrical Characteristics:
- I
IL Conditions OSCIN, has been changed to VIN = GND, OSCIN
- I
IH Conditions TRFADJ1, has been changed to VIN = VCC, TRFADJ1
- I
IH Conditions TRFADJ0, T4ADV, RPTR, has been changed to VIN = VCC, TRFADJ0, T4ADV, RPTR
- I
IH Conditions OSCIN, has been changed to VIN = VCC, OSCIN
- I
CC LIMIT (TYP) is now 170
- I
CC LIMIT (MAX) has been changed form 250 to 200
- I
CC Conditions Powerdown Mode row has been deleted
- New I
SS row, Conditions, Transmitting LIMIT (MAX) = 250, UNIT = mA
- New I
SS row, Conditions Powerdown Mode LIMIT (MAX) = 1, UNIT = mA.
Page 56, Twisted Pair Characteristics Transmit:
- T
OV, LIMIT (MIN) has been changed form 2.2 to 2.694
- T
OV, LIMIT (TYP) has been changed form 2.5 to 3.062
- T
OV, LIMIT (MAX) has been changed form 2.8 to 3.429
Page 57, Twisted Pair Characteristics Transmit (continued):
- T
OV, LIMIT (MIN) has been changed form 29.4 to 35.93
- T
OV, LIMIT (TYP) has been changed form 33.4 to 40.82
- T
OV, LIMIT (MAX) has been changed form 37.4 to 45.72
Page 58, Twisted Pair Characteristics Receive:
- R
OCV, LIMIT (TYP), has been changed from VCC - 0.1 to VCC/3 ± 0.5
- R
CMR, LIMIT (TYP), has been changed from VCC ± 1.0 to ROCV ± 0.25
Page 59, 25 MHz Input/Output Clock Timing Characteristics:
- t
4 LIMIT (MAX) 10, Conditions is now 100 Mbps
- t
4 new row Conditions is 10 Mbps, LIMIT (MAX) = 20, UNIT = nS.
Page 60, Transmit Timing Characteristics:
- t
17, LIMIT (MAX) 40, Conditions is now 100 Mbps
- t
17, new row Conditions is 10 Mbps, LIMIT (MAX) = 400, UNIT = nS.
- t
18, LIMIT (MAX) 160, Conditions is now 100 Mbps
- t
18, new row Conditions is 10 Mbps, LIMIT (MAX) = 400, UNIT = nS.
- t
18, LIMIT (MAX) has been changed from 400 to 900
Page 63, Receive Timing Characteristics:
- t
34, LIMIT (MAX) has changed form 900 to 1000
- t
37, LIMIT (MIN) has changed from -50 to -80
- t
37, LIMIT (MAX) has changed from 50 to 80
Page 67, Figure 23. RX_EN Timing:
- Timing TX_EN has changed to TX_EN.
- Timing TX_EN has changed
Page 79, Figure LED Driver Timing:
- t
97 reference end of t97 cycle is a falling edge.
Revision History



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com