Electronic Components Datasheet Search
  English  ▼

X  

80220 Datasheet(PDF) 12 Page - LSI Computer Systems

Part # 80220
Description  100BASE-TX/10BASE-T Ethernet Media Interface Adapter
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

80220 Datasheet(HTML) 12 Page - LSI Computer Systems

Back Button 80220 Datasheet HTML 8Page - LSI Computer Systems 80220 Datasheet HTML 9Page - LSI Computer Systems 80220 Datasheet HTML 10Page - LSI Computer Systems 80220 Datasheet HTML 11Page - LSI Computer Systems 80220 Datasheet HTML 12Page - LSI Computer Systems 80220 Datasheet HTML 13Page - LSI Computer Systems 80220 Datasheet HTML 14Page - LSI Computer Systems 80220 Datasheet HTML 15Page - LSI Computer Systems 80220 Datasheet HTML 16Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 91 page
background image
80220/80221
MD400159/E
12
On the receive side for 100 Mbps operation, the twisted
pair receiver receives incoming encoded and scrambled
MLT-3 data from the twisted pair cable, remove any high
frequency noise, equalizes the input signal to compensate
for the effects of the cable, qualifies the data with a squelch
algorithm, and converts the data from MLT-3 coded twisted
pair levels to internal digital levels.
The output of the
twisted pair receiver then goes to a clock and data recov-
ery block which recovers a clock from the incoming data,
uses the clock to latch in valid data into the device, and
converts the data back to NRZ format. The NRZ data is
then unscrambled and decoded by the 4B5B decoder and
descrambler, respectively, and outputted to an external
Ethernet controller by the controller interface.
10 Mbps operation is similar to the 100 Mbps operation
except, (1) there is no scrambler/descrambler, (2) the
encoder/decoder is Manchester instead of 4B5B, (3) the
data rate is 10 Mbps instead of 100 Mbps, and (4) the
twisted pair symbol data is two level Manchester instead
of ternary MLT-3.
The AutoNegotiation block automatically configures the
device for either 100Base-TX or 10Base-T, and for either
Full or Half Duplex. This configuration is based on the
capabilities selected for this device and the capabilities
detected from a remote device.
The Management Interface, (hereafter referred to as the
MI serial port), is a two pin bidirectional link through which
configuration inputs can be set and status outputs can be
read.
Each block plus the operating modes are described in
more detail in the following sections. Since the 80220/
80221 can operate either as a 100Base-TX or a 10Base-T
device, each of the following sections describes the perfor-
mance of the respective section in both the 100 and 10
Mbps modes.
3.2 DIFFERENCES BETWEEN 80220 AND 80221
The differences between the 80220 and 80221 are sum-
marized in Table 1. For more information on each of these
features, refer to the appropriate sections where these
features are described.
Table 1. 80220 vs. 80221
Feature
80220
80221
Package
44L PLCC
64L LQFP
# LED Outputs
4
6
External
No
Yes
100Base-T4
Interface
Repeater Mode
No
Yes
Pin
3.3 CONTROLLER INTERFACE
3.3.1 General
The 80220/80221 has two interfaces to an external con-
troller: Media Independent Interface (referred to as the
MII) and Five Bit interface (referred to as the FBI).
3.3.2 MII - 100 Mbps
The MII is a nibble wide packet data interface defined in
IEEE 802.3 and shown in Figure 3. The 80220/80221
meets all the MII requirements outlined in IEEE 802.3. The
80220/80221 can directly connect, without any external
logic, to any Ethernet controllers or other devices which
also complies with the IEEE 802.3 MII specifications. The
MII frame format is shown in Figure 3.
The MII consists of eighteen signals: four transmit data
bits (TXD[3:0]), transmit clock (TX_CLK), transmit enable
(TX_EN), transmit error (TX_ER), four receive data bits
(RXD[3:0]), receive clock (RX_CLK), carrier sense (CRS),
receive data valid (RX_DV), receive data error (RX_ER),
and collision (COL). The transmit and receive clocks
operate at 25 MHz in 100 Mbps mode.
On the transmit side, the TX_CLK output runs continu-
ously at 25 Mhz. When no data is to be transmitted, TX_EN
has to be deasserted. While TX_EN is deasserted, TX_ER
and TXD[3:0] are ignored and no data is clocked into the
device. When TX_EN is asserted on the rising edge of
TX_CLK, data on TXD[3:0] is clocked into the device on
rising edges of the TX_CLK output clock. TXD[3:0] input
data is nibble wide packet data whose format needs to be
the same as specified in IEEE 802.3 and shown in Figure
3. When all data on TXD[3:0] has been latched into the
device, TX_EN has to be deasserted on the rising edge of
TX_CLK.
TX_ER is also clocked in on rising edges of the TX_CLK
clock. TX_ER is a transmit error signal which, when
asserted, will substitute an error nibble in place of the
normal data nibble that was clocked in on TXD[3:0]. The
error nibble is defined to be the /H/ symbol which is defined
in IEEE 802.3 and shown in Table 2.
Since OSCIN input clock generates the TX_CLK output
clock, TXD[3:0], TX_EN, and TX_ER are also clocked in
on rising edges of OSCIN.
On the receive side, as long as a valid data packet is not
detected, CRS and RX_DV are deasserted and RXD[3:0]
is held low. When the start of packet is detected , CRS and
RX_DV are asserted on falling edge of RX_CLK. The
assertion of RX_DV indicates that valid data is clocked out
on RXD[3:0] on falling edges of the RX_CLK clock. The
RXD[3:0] data has the same frame structure as the TXD[3:0]
data and is specified in IEEE 802.3 and shown in Figure 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com