Electronic Components Datasheet Search
  English  ▼

X  

UPD6467 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # UPD6467
Description  MOS INTEGRATED CIRCUIT
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6467 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button UPD6467 Datasheet HTML 35Page - Renesas Technology Corp UPD6467 Datasheet HTML 36Page - Renesas Technology Corp UPD6467 Datasheet HTML 37Page - Renesas Technology Corp UPD6467 Datasheet HTML 38Page - Renesas Technology Corp UPD6467 Datasheet HTML 39Page - Renesas Technology Corp UPD6467 Datasheet HTML 40Page - Renesas Technology Corp UPD6467 Datasheet HTML 41Page - Renesas Technology Corp UPD6467 Datasheet HTML 42Page - Renesas Technology Corp UPD6467 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 70 page
background image
37
µPD6467
Data Sheet S14455EJ2V0DS
3.11 Output Pin Control Command
This command selects the format of pin output of the option (A, B, or C) specified by the initial status setting
command (because this is a 2-byte command, input of 16 bits is necessary if this command is input more than once
successively).
Remark
This command is invalid when RGB + RGB compatible BLK output is selected.
(1) With MSB first (The command is input from MSB (D15).)
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
1
0
0
1
1
1
0
0
OD1
OD0
0
0
AR3
AR2
AR1
AR0
(MSB)
(LSB)
Row specification bit
Function
Sets row 0
Sets row 1
Sets row 11
Setting prohibited
AR3
0
0
1
AR2
0
0
0
AR1
0
0
1
AR0
0
1
1
Output pin control bit
Pin output
VC1: Outputs specified row, VC2: Fixed to low level
VC1: Fixed to low level, VC2: Outputs specified row
OD1
0
0
OD0
0
1
Option A
Output pin control bit
Pin output
VC1: Outputs all rows, VC2: Fixed to low level
VC1: Outputs all rows, VC2: Outputs specified row
OD1
0
0
OD0
0
1
Option B
Output pin control bit
Pin output
VC1: Outputs columns 0-27, VC2: Fixed to low level
VC1: Outputs columns 0-11, VC2: Outputs columns 12-27
VC1: Outputs columns 12-27, VC2: Outputs columns 0-11
VC1: Fixed to low level, VC2: Outputs columns 0-27
OD1
0
0
1
1
OD0
0
1
0
1
Option C
(2) With LSB first (Use of each bit is the same as (1). The command is input from LSB (D0).)
(LSB)
(MSB)
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D13
D14
D15
00111
0
0
1
AR0
AR1
AR2
AR3
0
0
OD0 OD1
•
Row specification control
Specify to which of the VC1 or VC2 pin the character signal is to be output in row units (or 12-column, 16-
column units).
•
Output pin control
Output of the VC1 and VC2 pin can be selected from A, B, or C by using the initial status setting command
(the blanking signal is output in the same manner).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com