Electronic Components Datasheet Search
  English  ▼

X  

UPD6467 Datasheet(PDF) 47 Page - Renesas Technology Corp

Part # UPD6467
Description  MOS INTEGRATED CIRCUIT
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6467 Datasheet(HTML) 47 Page - Renesas Technology Corp

Back Button UPD6467 Datasheet HTML 43Page - Renesas Technology Corp UPD6467 Datasheet HTML 44Page - Renesas Technology Corp UPD6467 Datasheet HTML 45Page - Renesas Technology Corp UPD6467 Datasheet HTML 46Page - Renesas Technology Corp UPD6467 Datasheet HTML 47Page - Renesas Technology Corp UPD6467 Datasheet HTML 48Page - Renesas Technology Corp UPD6467 Datasheet HTML 49Page - Renesas Technology Corp UPD6467 Datasheet HTML 50Page - Renesas Technology Corp UPD6467 Datasheet HTML 51Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 70 page
background image
45
µPD6467
Data Sheet S14455EJ2V0DS
(1) With MSB first (The command is input from MSB (D15).)
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
11
RV
R
G
B
BL
VC2
C7
C6
C5
C4
C3
C2
C1
C0
(MSB)
(LSB)
Character specification bit
Function
Outputs data of 00H
Outputs data of 01H
Outputs FEH (Display Off Data)
FFH (2-byte successive command end code)
C4
0
0
1
1
C0
0
1
0
1
C3
0
0
1
1
C2
0
0
1
1
C1
0
0
1
1
VC2 output specification bit
Function
VC2 specification OFF
VC2 specification ON
VC2
0
1
Blinking control bit (character units)
Function
Character color specification bit
Function
Black
Blue
Green
Cyan
Red
Magenta
Yellow
White
R
0
0
0
0
1
1
1
1
G
0
0
1
1
0
0
1
1
Character color reverse specification bit
Function
Character color reverse specification OFF
Character color reverse specification ON
RV
0
1
C5
0
0
1
1
C6
0
0
1
1
C7
0
0
1
1
B
0
1
0
1
0
1
0
1
BL
0
1
Character does not blink.
Character blinks.
Left and right reverse character control bit
Function
BL
0
1
Left and right reverse character specification OFF
Left and right reverse character specification ON
With character blinking selectedNote
With character left and right reverse selectedNote
Note
Set these bits with the initial setting command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com