Electronic Components Datasheet Search
  English  ▼

X  

UPD6467 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # UPD6467
Description  MOS INTEGRATED CIRCUIT
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6467 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button UPD6467 Datasheet HTML 24Page - Renesas Technology Corp UPD6467 Datasheet HTML 25Page - Renesas Technology Corp UPD6467 Datasheet HTML 26Page - Renesas Technology Corp UPD6467 Datasheet HTML 27Page - Renesas Technology Corp UPD6467 Datasheet HTML 28Page - Renesas Technology Corp UPD6467 Datasheet HTML 29Page - Renesas Technology Corp UPD6467 Datasheet HTML 30Page - Renesas Technology Corp UPD6467 Datasheet HTML 31Page - Renesas Technology Corp UPD6467 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 70 page
background image
26
µPD6467
Data Sheet S14455EJ2V0DS
3.3 Background Color/Frame Color Control Command
This command specifies the background color and frame color.
This command is valid when filling of the
background, blank background, or framing is specified.
(1) With MSB first (The command is input from MSB (D7).)
D7
D6
D5
D4
D3
D2
D1
D0
0010
R
G
B
BFC
(MSB)
(LSB)
Background color control bit
Function
Black
Blue
Green
Cyan
Red
Magenta
Yellow
White
R
0
0
0
0
1
1
1
1
Frame color control bit
Function
Frame color: Black
Frame color: White
BFC
0
1
G
0
0
1
1
0
0
1
1
B
0
1
0
1
0
1
0
1
(2) With LSB first (Use of each bit is the same as (1). The command is input from LSB (D0).)
(LSB)
(MSB)
D0
D1
D2
D3
D4
D5
D6
D7
BFC
B
G
R
0100
•
Frame color control
The frame color (white/black) can be selected in screen units (RGB output). If the frame is specified with
VC1 and VC2 output, the frame color is fixed to black.
•
Background color control
The background color can be selected (from eight colors) in screen units (RGB output). If the background
is specified with VC1 and VC2 output (blank background or filled background), the background color is fixed
to black.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com