Electronic Components Datasheet Search
  English  ▼

X  

UPD16342 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPD16342
Description  MOS INTEGRATED CIRCUIT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD16342 Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPD16342 Datasheet HTML 1Page - Renesas Technology Corp UPD16342 Datasheet HTML 2Page - Renesas Technology Corp UPD16342 Datasheet HTML 3Page - Renesas Technology Corp UPD16342 Datasheet HTML 4Page - Renesas Technology Corp UPD16342 Datasheet HTML 5Page - Renesas Technology Corp UPD16342 Datasheet HTML 6Page - Renesas Technology Corp UPD16342 Datasheet HTML 7Page - Renesas Technology Corp UPD16342 Datasheet HTML 8Page - Renesas Technology Corp UPD16342 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
©
2000
MOS INTEGRATED CIRCUIT
µµµµ PD16342
96-BIT AC-PDP DRIVER
DATA SHEET
Document No. S15090EJ2V0DS00 (2nd edition)
Date Published September 2001 NS CP (K)
Printed in Japan
DESCRIPTION
The
µ PD16342 is a high withstand voltage CMOS driver designed for use with a flat display panel such as a PDP,
VFD, or EL panel. It consists of a 96-bit bi-directional shift register, 96-bit latch and high withstand voltage CMOS
driver. The logic block operates with a 5-V power supply interface (CMOS level input) so that it can be directly
connected to a gate array and CPU. The driver block provides a high withstand voltage output: 80 V, +15/–30 mA
MAX. The logic and driver blocks are made of CMOS circuits, consuming lower power.
FEATURES
• Circuit configuration switched by the IBS pin between three 32-bit bi-directional shift registers and six 16-bit
bi-directional shift registers.
• Data control with transfer clock (external) and latch
• High-speed data transfer (fMAX. = 40 MHz MIN. at data latch)
(fMAX.
= 25 MHz MIN. at cascade connection)
• High withstand output voltage (80 V, +15/–30 mA MAX.)
• High withstand voltage CMOS structure
ORDERING INFORMATION
Part Number
Package
µ PD16342
Module/TCP
Remark Consult an our sales representative regarding the module. Since the module characteristics is
based on the module specifications, there may be differences between the contents written in this
document and real characteristics.
The mark
#
#
#
# shows major revised points.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com