Electronic Components Datasheet Search
  English  ▼

X  

UPD16342 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # UPD16342
Description  MOS INTEGRATED CIRCUIT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD16342 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button UPD16342 Datasheet HTML 2Page - Renesas Technology Corp UPD16342 Datasheet HTML 3Page - Renesas Technology Corp UPD16342 Datasheet HTML 4Page - Renesas Technology Corp UPD16342 Datasheet HTML 5Page - Renesas Technology Corp UPD16342 Datasheet HTML 6Page - Renesas Technology Corp UPD16342 Datasheet HTML 7Page - Renesas Technology Corp UPD16342 Datasheet HTML 8Page - Renesas Technology Corp UPD16342 Datasheet HTML 9Page - Renesas Technology Corp UPD16342 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Data Sheet S15090EJ2V0DS
4
µµµµ PD16342
2. PIN FUNCTIONS
Symbol
Pin Name
I/O
Description
/LBLK
Low blanking
Input
/LBLK
= L: All output = L
/HBLK
High blanking
Input
/HBLK
= L: All output = H
/LE
Latch enable
Input
Latch on a falling edge
HZ
Output high impedance
Input
H: All output set to the high-impedance state
/CLR
Register clear
Input
L: All shift register data cleared to the L level
A1 to A3(6)
RIGHT data
I/O
Note
R,/L
= H, A1 to A3(6): Input, B1 to B3(6): Output
The parenthesized pins are used in 6-bit input mode.
B1 to B3(6)
LEFT data
I/O
Note
R,/L
= L, A1 to A3(6): Output, B1 to B3(6): Input
The parenthesized pins are used in 6-bit input mode.
CLK
Clock
Input
Shift on a rising edge
R,/L
Shift control
Input
H: Right shift mode
SR1: A1
→ S1.......S94 → B1 (SR2 and SR6 also shift in the same direction.)
Left shift mode
SR1: B1
→ S94.......S1 → A1 (SR2 and SR6 also shift in the same direction.)
IBS
Input mode switch
Input
H: 32-bit shift registers, 3-bit input mode
L: 16-bit shift registers, 6-bit input mode
O1 to O96
High withstand voltage
Output
80 V, +15/–30 mA MAX.
VDD1
Logic power supply
−
5 V
± 5%
VDD2
Driver power supply
−
15 to 70 V
VSS1
Logic ground
−
Connect to system ground
VSS2
Driver ground
−
Connect to system ground
Note In 3-bit input mode, unused I/O pins must be held at the L level.
To use for module, the back side of IC chip must be held at the VSS (GND) level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com