Electronic Components Datasheet Search
  English  ▼

X  

UPD16342 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # UPD16342
Description  MOS INTEGRATED CIRCUIT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD16342 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button UPD16342 Datasheet HTML 3Page - Renesas Technology Corp UPD16342 Datasheet HTML 4Page - Renesas Technology Corp UPD16342 Datasheet HTML 5Page - Renesas Technology Corp UPD16342 Datasheet HTML 6Page - Renesas Technology Corp UPD16342 Datasheet HTML 7Page - Renesas Technology Corp UPD16342 Datasheet HTML 8Page - Renesas Technology Corp UPD16342 Datasheet HTML 9Page - Renesas Technology Corp UPD16342 Datasheet HTML 10Page - Renesas Technology Corp UPD16342 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Data Sheet S15090EJ2V0DS
5
µµµµ PD16342
3. TRUTH TABLE
Shift Register Block
Input
Output
R,/L
CLK
A
B
Shift Register
H
↑
Output
Note1
Right shift operation performed
HH or L
Input
Output
Hold
L
↑
Output
Note2
Left shift operation performed
L
H or L
Output
Input
Hold
Notes 1. On the rising edge of the clock, the data of S91 to S93 (S85 to S90) is shifted to S94 to S96 (S91 to S96), and is
output from B1 to B3 (B1 to B6) (The parenthesized pins are used in 6-bit input mode.).
2. On the rising edge of the clock, the data of S4 to S6 (S7 to S12) is shifted to S1 to S3 (S1 to S6), and is output
from A1 to A3 (A1 to A6) (The parenthesized pins are used in 6-bit input mode.).
Latch Block
/LE
Output State of Latch Section (/Ln)
↓
Latch Sn data
H or L
Hold latch (output) data
Driver Block
A (B)
/HBLK
/LBLK
HZ
Output State of Driver Block
x
L
H
L
All driver output: H
x
x
L
L
All driver output: L
x
x
x
H
All driver output: High Impedance
LH
H
L
L
HHH
L
H
Remark x: H or L, H: High level, L: Low level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com