Electronic Components Datasheet Search
  English  ▼

X  

LIS302ALKTR Datasheet(PDF) 6 Page - STMicroelectronics

Part # LIS302ALKTR
Description  MEMS motion sensor 3-axis-±2g analog output "piccolo" accelerometer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS302ALKTR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LIS302ALKTR Datasheet HTML 2Page - STMicroelectronics LIS302ALKTR Datasheet HTML 3Page - STMicroelectronics LIS302ALKTR Datasheet HTML 4Page - STMicroelectronics LIS302ALKTR Datasheet HTML 5Page - STMicroelectronics LIS302ALKTR Datasheet HTML 6Page - STMicroelectronics LIS302ALKTR Datasheet HTML 7Page - STMicroelectronics LIS302ALKTR Datasheet HTML 8Page - STMicroelectronics LIS302ALKTR Datasheet HTML 9Page - STMicroelectronics LIS302ALKTR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Mechanical and electrical specifications
LIS302ALK
6/14
2.2
Electrical characteristics
Table 3.
Electrical characteristics(1)
All parameters are specified @ Vdd =3.3V, T=25°C unless otherwise noted
1.
The product is factory calibrated at 3.3V.
Symbol
Parameter
Test Condition
Min.
Typ.(2)
2.
Typical specifications are not guaranteed
Max.
Unit
Vdd
Supply Voltage
V
Idd
Supply Current
mean value
PD pin connected to
GND
0.65
mA
IddPdn
Supply Current in
Power Down Mode
PD pin connected to Vdd
1
µA
Vst
Self Test Input
Logic 0 level at Vdd=3.3V
0
0.8
V
Logic 1 level at Vdd=3.3V
2.0
Vdd
V
Rout
Output impedance of
Voutx, Vouty, Voutz
32
k
Ω
Cload
Capacitive Load Drive
for Voutx, Vouty,
Voutz(3)
3.
Minimum resonance frequency Fres=2.0kHz. Device bandwidth=1/(2*
π*32kΩ*Cload)
2.5
nF
Ton
Turn-On Time at exit
from Power Down
mode
Cload in
μF
160*Cload+0.3
ms
Top
Operating
Temperature Range
-40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com