Electronic Components Datasheet Search
  English  ▼

X  

LIS302ALKTR Datasheet(PDF) 10 Page - STMicroelectronics

Part # LIS302ALKTR
Description  MEMS motion sensor 3-axis-±2g analog output "piccolo" accelerometer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS302ALKTR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LIS302ALKTR Datasheet HTML 6Page - STMicroelectronics LIS302ALKTR Datasheet HTML 7Page - STMicroelectronics LIS302ALKTR Datasheet HTML 8Page - STMicroelectronics LIS302ALKTR Datasheet HTML 9Page - STMicroelectronics LIS302ALKTR Datasheet HTML 10Page - STMicroelectronics LIS302ALKTR Datasheet HTML 11Page - STMicroelectronics LIS302ALKTR Datasheet HTML 12Page - STMicroelectronics LIS302ALKTR Datasheet HTML 13Page - STMicroelectronics LIS302ALKTR Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Application hints
LIS302ALK
10/14
4
Application hints
Figure 3.
LIS302ALK electrical Connection
Power supply decoupling capacitors (100nF ceramic or polyester + 10µF Aluminum) should
be placed as near as possible to the device (common design practice).
The LIS302ALK allows to band limit Voutx, Vouty and Voutz through the use of external
capacitors. The recommended frequency range spans from DC up to 2.0kHz. Capacitors
must be added at output pins to implement low-pass filtering for antialiasing and noise
reduction. The equation for the cut-off frequency (ft) of the external filters is:
Taking into account that the internal filtering resistor (Rout) has a nominal value equal to
32k
Ω, the equation for the external filter cut-off frequency may be simplified as follows:
The tolerance of the internal resistor can vary typically of ±20% within its nominal value of
32k
Ω; thus the cut-off frequency will vary accordingly. A minimum capacitance of 2.5nF for
Cload(x, y, z) is required in any case.
DIRECTION OF THE
DETECTABLE
ACCELERATIONS
Y
1
X
Z
Digital signals
Vout X
LIS302ALK
Vout Y
Cload y
Cload x
(top view)
Optional
Optional
1
ST
PD
Vout z
Optional
Cload z
6
8
13
100nF
10
μF
GND
GND
Vdd
GND
Vdd
Pin 1 indicator
GND
GND
f
t
1
2
π R
out Cload xy z
,,
()
⋅⋅
----------------------------------------------------------------
=
f
t
5
μF
C
load xy z
,,
()
----------------------------------- Hz
[]
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com