Electronic Components Datasheet Search
  English  ▼

X  

LIS302ALKTR Datasheet(PDF) 5 Page - STMicroelectronics

Part # LIS302ALKTR
Description  MEMS motion sensor 3-axis-±2g analog output "piccolo" accelerometer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS302ALKTR Datasheet(HTML) 5 Page - STMicroelectronics

  LIS302ALKTR Datasheet HTML 1Page - STMicroelectronics LIS302ALKTR Datasheet HTML 2Page - STMicroelectronics LIS302ALKTR Datasheet HTML 3Page - STMicroelectronics LIS302ALKTR Datasheet HTML 4Page - STMicroelectronics LIS302ALKTR Datasheet HTML 5Page - STMicroelectronics LIS302ALKTR Datasheet HTML 6Page - STMicroelectronics LIS302ALKTR Datasheet HTML 7Page - STMicroelectronics LIS302ALKTR Datasheet HTML 8Page - STMicroelectronics LIS302ALKTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
LIS302ALK
Mechanical and electrical specifications
5/14
2
Mechanical and electrical specifications
2.1
Mechanical characteristics.
Table 2.
Mechanical characteristics(1)
All parameters are specified @ Vdd =3.3V, T = 25°C unless otherwise noted
Symbol
Parameter
Test Condition
Min.
Typ.(2)
Max.
Unit
Ar
Acceleration range(3)
±2.0
g
So
Sensitivity(4)
0.415
0.440
0.465
V/g
SoDr
Sensitivity change Vs
Temperature
Delta from +25°C
±0.01
%/°C
Voff
Zero-g level(4)
T = 25°C
Vdd/2-6%
Vdd/2
Vdd/2+6%
V
OffDr
Zero-g level change
Vs Temperature
Delta from +25°C
±0.5
mg/°C
NL
Non Linearity(5)
Best fit straight line
±0.5
% FS
CrossAx Cross-Axis(6)
±2%
An
Acceleration Noise
Density
Vdd=3.3V
200
µg/
Vt
Self test output
voltage change(7),(8)
T = 25°C
Vdd=3.3V
X axis
+80
+220
mV
T = 25°C
Vdd=3.3V
Y axis
+80
+220
mV
T = 25°C
Vdd=3.3V
Z axis
+80
+220
mV
Fres
Sensing Element
Resonant
Frequency(9)
all axes
2.0
kHz
Top
Operating
Temperature Range
-40
+85
°C
Wh
Product Weight
30
mgram
1.
The product is factory calibrated at 3.3V. The operational power supply range is specified in table 3. Since the device is
ratiometric Voff, So and Vt parameters will vary with supply voltage.
2.
Typical specifications are not guaranteed
3.
Guaranteed by wafer level test and measurement of initial offset and sensitivity
4.
Zero-g level and sensitivity are ratiometric to supply voltage
5.
Guaranteed by design
6.
Contribution to the measuring output of an inclination/acceleration along any perpendicular axis
7.
“Self test output voltage change” is defined as Vout(Vst=Logic1)-Vout(Vst=Logic0)
8.
“Self test output voltage change” varies cubically with supply voltage
9.
Minimum resonance frequency Fres=2.0kHz. Sensor bandwidth=1/(2*
π*32kΩ*Cload)
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com