Electronic Components Datasheet Search
  English  ▼

X  

82545EM Datasheet(PDF) 21 Page - Intel Corporation

Part # 82545EM
Description  Gigabit Ethernet Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82545EM Datasheet(HTML) 21 Page - Intel Corporation

Back Button 82545EM Datasheet HTML 17Page - Intel Corporation 82545EM Datasheet HTML 18Page - Intel Corporation 82545EM Datasheet HTML 19Page - Intel Corporation 82545EM Datasheet HTML 20Page - Intel Corporation 82545EM Datasheet HTML 21Page - Intel Corporation 82545EM Datasheet HTML 22Page - Intel Corporation 82545EM Datasheet HTML 23Page - Intel Corporation 82545EM Datasheet HTML 24Page - Intel Corporation 82545EM Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
82545EM GIGABIT ETHERNET CONTROLLER SPECIFICATION UPDATE
26. Link Establishment or Communication Problems in Fiber Mode When Link
Partner Does Not Fully Comply with the IEEE 802.3 Specification
Problem:
The following minor compliance issues have been discovered between the TBI/SERDES mode symbol
synchronization logic and the IEEE specification:
- When presented with short sequences of malformed code groups, the receive synchronization logic within the
Ethernet controller may acquire & indicate link/synchronization prematurely or incorrectly
-
When presented with certain short sequences of malformed code groups, the logic may retain
link/synchronization indication through the error sequence instead of immediately detecting and dropping
link/synchronization
- With some specific erroneous sequences of code groups, the auto-negotiation logic may establish link in
certain very specific situations where the specification says it should not
-
Finally, the receive error detection logic may not detect and count some symbol errors when malformed idle
patterns are received.
Implication:
If a link partner is not compliant with the IEEE 802.3 Specification in certain very specific ways, the 8254x
controller may not be able to establish link or communicate properly with it. If the controller is tested for strict
compliance with the IEEE 802.3 Specification, it may fail some of the Clause 36 and Clause 37 test cases.
However, Intel has performed extensive compatibility testing as an integral part of controller HW validation, and
continues to do so with the latest Ethernet devices. To date, these issues have not been shown to cause
interoperability problems with any Ethernet devices currently in production.
Workaround:
None.
Status:
Intel does not plan to resolve this erratum in a future stepping of the 82545EM Gigabit Ethernet Controller.
27. Wakeup Packet Memory (WUPM) cleared upon reset
Problem:
The 82545EM specifications state that the Wakeup Packet Memory (WUPM) is not cleared on any reset. This
is incorrect. Any reset or power-state transition will clear the contents of these registers.
Implication:
Because a power-state transition takes place on wakeup, the Wakeup Packet Memory will always be cleared
before it can be read by software.
This makes the memory effectively unable to provide the capability for
inspecting the wakeup packet content.
Workaround:
There is no workaround. WUPM will be considered to be defeatured for the affected controllers.
Status:
Intel does not plan to resolve this erratum in a future stepping of the 82545EM Gigabit Ethernet Controller.
28. Unexpected RCMP ACK packets in ASF mode
Problem:
According to the RMCP protocol, the response to all RMCP commands (except ACK) should be an RMCP ACK
packet. In ASF mode, the Ethernet Controller responds to RMCP ACK packets with a second ACK.
Implication:
Any management software should be aware of this behavior and not respond to the additional RMCP ACK
packets.
Workaround:
None.
Status:
Intel does not plan to resolve this erratum in a future stepping of the 82545EM Gigabit Ethernet Controller.
29. Exceeding PCI Power Management Specification Limit of 375mA current
during reset and power state transitions
Problem:
During resets and power state transitions the controller may briefly draw more than 375 mA of current as the
digital signal processors in the PHY attempt to converge. The excessive current draw persists for approximately
100 milliseconds. Refer to the "Power Specifications -- MAC/PHY" section of this document for specific values.
Implication:
If an application has current limiting circuitry in place, the Ethernet Controller may trigger these safeguards in
power-up or during transitions between D0 and D3 power states.
Workaround:
None.
Status:
Intel does not plan to resolve this erratum in a future stepping of the 82545EM Gigabit Ethernet Controller.
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com