Electronic Components Datasheet Search
  English  ▼

X  

MPC850 Datasheet(PDF) 30 Page - Motorola, Inc

Part # MPC850
Description  Communications Controller Hardware Specifications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC850 Datasheet(HTML) 30 Page - Motorola, Inc

Back Button MPC850 Datasheet HTML 26Page - Motorola, Inc MPC850 Datasheet HTML 27Page - Motorola, Inc MPC850 Datasheet HTML 28Page - Motorola, Inc MPC850 Datasheet HTML 29Page - Motorola, Inc MPC850 Datasheet HTML 30Page - Motorola, Inc MPC850 Datasheet HTML 31Page - Motorola, Inc MPC850 Datasheet HTML 32Page - Motorola, Inc MPC850 Datasheet HTML 33Page - Motorola, Inc MPC850 Datasheet HTML 34Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 68 page
background image
30
MPC850 (Rev. A/B/C) Hardware Specifications
MOTOROLA
Layout Practices
Figure 20 provides the timing for the asynchronous external master memory access controlled by the
GPCM.
Figure 20. Asynchronous External Master Memory Access Timing (GPCM Controlled—ACS = 00)
Figure 21 provides the timing for the asynchronous external master control signals negation.
Figure 21. Asynchronous External Master—Control Signals Negation Timing
Table 7 provides interrupt timing for the MPC850.
Table 7. Interrupt Timing
Num
Characteristic 1
1
The timings I39 and I40 describe the testing conditions under which the IRQ lines are tested when being defined as
level sensitive. The IRQ lines are synchronized internally and do not have to be asserted or negated with reference
to the CLKOUT.
The timings I41, I42, and I43 are specified to allow the correct function of the IRQ lines detection circuitry, and has no
direct relation with the total system interrupt latency that the MPC850 is able to support
50 MHz
66MHz
80 MHz
Unit
Min
Max
Min
Max
Min
Max
I39
IRQx valid to CLKOUT rising edge (set up time)
6.00
—
6.00
—
6.00
—
ns
I40
IRQx hold time after CLKOUT.
2.00
—
2.00
—
2.00
—
ns
I41
IRQx pulse width low
3.00
—
3.00
—
3.00
—
ns
I42
IRQx pulse width high
3.00
—
3.00
—
3.00
—
ns
I43
IRQx edge-to-edge time
80.00
—
121.0
—
100.0
—
ns
CLKOUT
AS
A[6:31],
TSIZ[0:1],
R/W
CSx
B39
B40
B22
AS
CSx, WE[0:3],
OE, GPLx,
BS[0:3]
B43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com